Electronic Components Datasheet Search
  English  ▼

X  

USB2513B Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2513B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513B Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2513B Datasheet HTML 14Page - SMSC Corporation USB2513B Datasheet HTML 15Page - SMSC Corporation USB2513B Datasheet HTML 16Page - SMSC Corporation USB2513B Datasheet HTML 17Page - SMSC Corporation USB2513B Datasheet HTML 18Page - SMSC Corporation USB2513B Datasheet HTML 19Page - SMSC Corporation USB2513B Datasheet HTML 20Page - SMSC Corporation USB2513B Datasheet HTML 21Page - SMSC Corporation USB2513B Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
18
SMSC USB251x
DATASHEET
Table 5.1 Pin List in Alphabetical Order
SYMBOL
NAME
PIN NUMBERS
36 QFN
48QFN
64 QFN
BC_EN[1]
Battery
Charging Strap
Option
-12
-
12
-
12
-
BC_EN[2]
-
16
-
16
-
16
-
BC_EN[3]
-
18
-
18
-
BC_EN[4]
-
20
-
BOOST[0]
PHY Boost
Strapping
Option
-36
50
BOOST[1]
-
24
48
CFG_SEL[0]
Configuration
Programming
Selection
24
31
41
CFG_SEL[1]
25
32
42
CFG_SEL[2]
-
33
13
CLKIN
External Clock
Input
33
45
61
CRFILT
Core Regulator
Filter Capacitor
14
17
25
GANG_EN
Ganged Port
Power Strap
Option
-22
34
Ground Pad
Exposed Pad
Tied to Ground
(VSS)
ePad
HS_IND
Hi-Speed
Upstream Port
Indicator
25
32
42
LED_A_N[1]
Port LED
Indicator
-37
51
LED_A_N[2]
-
25
49
LED_A_N[3]
-
23
47
LED_A_N[4]
-
13
33
LED_A_N[5]
-
31
LED_A_N[6]
-
17
LED_A_N[7]
-
15
LED_B_N[1]
Enhanced
Indicator
Port LED
-36
50
LED_B_N[2]
-
24
48
LED_B_N[3]
-
22
34
LED_B_N[4]
-
12
32
LED_B_N[5]
-
18
LED_B_N[6]
-
16
LED_B_N[7]
-
14
LOCAL_PWR
Local Power
Detection
28
39
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com