Electronic Components Datasheet Search
  English  ▼

X  

USB2513B Datasheet(PDF) 54 Page - SMSC Corporation

Part # USB2513B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513B Datasheet(HTML) 54 Page - SMSC Corporation

Back Button USB2513B Datasheet HTML 50Page - SMSC Corporation USB2513B Datasheet HTML 51Page - SMSC Corporation USB2513B Datasheet HTML 52Page - SMSC Corporation USB2513B Datasheet HTML 53Page - SMSC Corporation USB2513B Datasheet HTML 54Page - SMSC Corporation USB2513B Datasheet HTML 55Page - SMSC Corporation USB2513B Datasheet HTML 56Page - SMSC Corporation USB2513B Datasheet HTML 57Page - SMSC Corporation USB2513B Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
54
SMSC USB251x
DATASHEET
8.3.2.2
Block Read
A block read differs from a block write in that the repeated start condition exists to satisfy the I2C
specification’s requirement for a change in the transfer direction.
Figure 8.2 Block Read
8.3.3
Invalid Protocol Response Behavior
Registers that are accessed with an invalid protocol are not updated. A register is only updated
following a valid protocol. The only valid protocols are write block and read block, which are described
above. The hub only responds to the hardware selected Slave Address (0101100x).
Attempting to communicate with the hub over SMBus with an invalid slave address or invalid protocol
results in no response, and the SMBus Slave Interface returns to the idle state.
The only valid registers that are accessible by the SMBus slave address are the registers defined in
the Registers Section. The hub does not respond to undefined registers.
8.3.4
General Call Address Response
The hub does not respond to a general call address of 0000_000b.
8.3.5
Slave Device Time-Out
According to the SMBus specification, version 1.0 devices in a transfer can abort the transfer in
progress and release the bus when any single clock low interval exceeds 25 ms (TTIMEOUT, MIN).
Devices that have detected this condition must reset their communication and be able to receive a new
START condition no later than 35 ms (TTIMEOUT, MAX).
Note: Some simple devices do not contain a clock low drive circuit; this simple kind of device typically
resets its communications port after a start or stop condition. The slave device time-out must
be implemented.
8.3.6
Stretching the SCLK Signal
The hub supports stretching of the SCLK by other devices on the SMBus. The hub does not stretch
the SCLK.
8.3.7
SMBus Timing
The SMBus Slave Interface complies with the SMBus AC Timing specification. See the SMBus timing
in the “Timing Diagram” section.
8.3.8
Bus Reset Sequence
The SMBus slave interface resets and returns to the idle state upon a START field followed
immediately by a STOP field.
Block Read
1
S
S
Slave Address
Register Address
Wr
A
17
1
1
8
A
1
Slave Address
Rd
A
71
1
81
1
1
88
P
1
81
A
A
A
A
Byte Count = N
Data byte 1
Data byte 2
Data byte N
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com