Electronic Components Datasheet Search
  English  ▼

X  

USB2513B Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2513B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513B Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2513B Datasheet HTML 15Page - SMSC Corporation USB2513B Datasheet HTML 16Page - SMSC Corporation USB2513B Datasheet HTML 17Page - SMSC Corporation USB2513B Datasheet HTML 18Page - SMSC Corporation USB2513B Datasheet HTML 19Page - SMSC Corporation USB2513B Datasheet HTML 20Page - SMSC Corporation USB2513B Datasheet HTML 21Page - SMSC Corporation USB2513B Datasheet HTML 22Page - SMSC Corporation USB2513B Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
19
Revision 1.0 (3-11-09)
DATASHEET
NC
No Connect
6
-
8
11
-
NC
7
-
9
-
NC
18
-
11
-
NC
19
-
12
-
NC
8
-
13
-
NC
9
-
27
-
NC
20
-
28
-
NC
21
-
NON_REM[0]
Non-
Removable
Port Strap
Option
28
39
45
NON_REM[1]
22
29
40
OCS_N[1]
Over-Current
Sense
13
16
28
OCS_N[2]
17
20
27
OCS_N[3]
-
19
26
22
OCS_N[4]
-
21
-
28
21
OCS_N[5]
-
35
OCS_N[6]
-
38
OCS_N[7]
-
37
PLLFILT
PLL Regulator
Filter Capacitor
34
46
62
PRT_DIS_M[1]
Downstream
Port Disable
Strap Option
-1
PRT_DIS_M[2]
-
3
PRT_DIS_M[3]
-
6
PRT_DIS_M[4]
-
8
-
8
PRT_DIS_M[5]
-
11
PRT_DIS_M[6]
-
53
PRT_DIS_M[7]
-
55
PRT_DIS_P[1]
Port Disable
-
2
PRT_DIS_P[2]
-
4
PRT_DIS_P[3]
-
7
PRT_DIS_P[4]
-
9
-
9
PRT_DIS_P[5]
-
12
PRT_DIS_P[6]
-
54
PRT_DIS_P[7]
-
56
Table 5.1 Pin List in Alphabetical Order (continued)
SYMBOL
NAME
PIN NUMBERS
36 QFN
48QFN
64 QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com