Electronic Components Datasheet Search
  English  ▼

X  

EMC2113 Datasheet(PDF) 14 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 10Page - SMSC Corporation EMC2113 Datasheet HTML 11Page - SMSC Corporation EMC2113 Datasheet HTML 12Page - SMSC Corporation EMC2113 Datasheet HTML 13Page - SMSC Corporation EMC2113 Datasheet HTML 14Page - SMSC Corporation EMC2113 Datasheet HTML 15Page - SMSC Corporation EMC2113 Datasheet HTML 16Page - SMSC Corporation EMC2113 Datasheet HTML 17Page - SMSC Corporation EMC2113 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
Revision 1.2 (10-08-09)
14
SMSC EMC2113
DATASHEET
4.1
Electrical Specifications
Table 4.2 Electrical Specifications
VDD = 3V to 3.6V, TA = -40°C to 125°C, all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
DC Power
Supply Voltage
VDD
33.3
3.6
V
Supply Current
IDD
1.1
1.5
mA
4 Conversions/second, Fan
Driver active at maximum PWM
frequency, Dynamic Averaging
Enabled
0.7
1.1
mA
1 Conversion/second, Fan
Driver not active, Dynamic
Averaging Disabled
First Conversion
Ready
tCONV_T
150
300
ms
Time after power up before all
channels updated
SMBus Delay
tSMB_D
10
15
ms
Time before SMBus
communications should be sent
by host
External Temperature Monitors
Temperature
Accuracy
±0.5
±1
°C
60°C < TDIODE < 125°C
30°C < TA < 100°C
±1
±2
°C
-40°C < TDIODE < 125°C
Temperature
Resolution
0.125
°C
Diode decoupling
capacitor
CFILTER
2200
2700
pF
Connected across external
diode, CPU, GPU, or AMD diode
Resistance Error
Corrected
RSERIES
100
Ohm
Sum of series resistance in both
DP and DN lines
Internal Temperature Monitor
Temperature
Accuracy
TA
±0.5
±1
°C
40°C < TA < 100°C
±1
±2
°C
Temperature
Resolution
0.125
°C
RPM-Based Fan Controller
Tachometer Range
TACH
480
16000
RPM
RPM Control
Accuracy
Δ
TACH
±1
±2
%
PWM Fan Driver
PWM Resolution
PWM
256
Steps
PWM Duty Cycle
DUTY
0
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com