Electronic Components Datasheet Search
  English  ▼

X  

EMC2113 Datasheet(PDF) 36 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 32Page - SMSC Corporation EMC2113 Datasheet HTML 33Page - SMSC Corporation EMC2113 Datasheet HTML 34Page - SMSC Corporation EMC2113 Datasheet HTML 35Page - SMSC Corporation EMC2113 Datasheet HTML 36Page - SMSC Corporation EMC2113 Datasheet HTML 37Page - SMSC Corporation EMC2113 Datasheet HTML 38Page - SMSC Corporation EMC2113 Datasheet HTML 39Page - SMSC Corporation EMC2113 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
Revision 1.2 (10-08-09)
36
SMSC EMC2113
DATASHEET
available that shares the DP2 and DN2 pins. When in this mode, both the external diode 2 channel
and external diode 3 channel thermal diodes must be connected as diodes.
6.14.1
Anti-Parallel Diodes
The EMC2113 supports connecting two external diodes to the DN2 / DP3 and DP2 / DN3 pins. This
second diode is connected in an anti-parallel configuration with respect to the first diode. When the
the External Diode 2 channel is measured, the anti-parallel diode will be reverse biased. Likewise,
when the External Diode 3 channel is measured, the first diode will be reverse biased. CPU diodes
should not be used with anti-parallel diode connections.
6.14.2
Diode Faults
The EMC2113 actively detects an open and short condition on each measurement channel. When a
diode fault is detected, the temperature data MSByte is forced to a value of 80h and the FAULT bit is
set in the Status Register. When the External Diode 2 channel is configured to operate in APD mode,
the circuitry will detect independent open fault conditions; however, a short condition will be shared
between the External Diode 2 and External Diode 3 channels.
Figure 6.6 Diode Connections
Local Ground
to
DP
Typical remote
substrate transistor
i.e. CPU substrate PNP
Typical remote
discrete PNP transistor
i.e. 2N3906
Typical remote
discrete NPN transistor
i.e. 2N3904
to
DN
to
DP
to
DN
to
DP
to
DN
to
DP /
DN
to
DN /
DP
Anti-parallel diodes using
discrete NPN transistors
Diode 2
Diode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com