Electronic Components Datasheet Search
  English  ▼

X  

EMC2113 Datasheet(PDF) 17 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 13Page - SMSC Corporation EMC2113 Datasheet HTML 14Page - SMSC Corporation EMC2113 Datasheet HTML 15Page - SMSC Corporation EMC2113 Datasheet HTML 16Page - SMSC Corporation EMC2113 Datasheet HTML 17Page - SMSC Corporation EMC2113 Datasheet HTML 18Page - SMSC Corporation EMC2113 Datasheet HTML 19Page - SMSC Corporation EMC2113 Datasheet HTML 20Page - SMSC Corporation EMC2113 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
SMSC EMC2113
17
Revision 1.2 (10-08-09)
DATASHEET
Chapter 5 SMBus Slave Interface
The EMC2113 communicates with a host controller, such as an SMSC SIO, through the SMBus. The
SMBus is a two-wire serial communication protocol between a computer host and its peripheral
devices.
5.1
System Management Bus Interface Protocol
The EMC2113 contains an SMBus slave interface. A detailed timing diagram is shown in Figure 5.1,
"SMBus Timing Diagram". Stretching of the SMCLK signal is supported, however the EMC2113 will not
stretch the clock signal.
5.1.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the SMBus Data line from a logic ‘1’ state to a logic
‘0’ state while the SMBus Clock line is in a logic ‘1’ state.
5.1.2
SMBus Address and RD / WR Bit
The SMBus Address Byte consists of the 7-bit slave address followed by the RD / WR indicator bit. If
this RD / WR bit is a logic ‘0’, then the host device is writing data to the slave device. If this RD / WR
bit is a logic ‘1’, then the host device is reading data from the slave device.
The EMC2113 SMBus slave address is determined via the pull-up resistor connected to the
ADDR_SEL pin as shown Table 5.1, "ADDR_SEL Pin Decode".
Figure 5.1 SMBus Timing Diagram
Table 5.1 ADDR_SEL Pin Decode
PULL-UP RESISTOR VALUE
FAN CONTROL ADDRESS
4.7k Ohm ±5%
0101_100(r/w)
6.8k Ohm ±5%
0101_101(r/w)
10k Ohm ±5%
0101_110(r/w)
15k Ohm ±5%
1001_100(r/w)
SMDATA
SMCLK
TLOW
TRISE
THIGH
TFALL
TBUF
THD:STA
P
S
S - Start Condition
P - Stop Condition
THD:DAT
TSU:DAT
TSU:STA
THD:STA
P
TSU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com