Electronic Components Datasheet Search
  English  ▼

X  

CPC1465M Datasheet(PDF) 14 Page - Clare, Inc.

Part # CPC1465M
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465M Datasheet(HTML) 14 Page - Clare, Inc.

Back Button CPC1465M Datasheet HTML 7Page - Clare, Inc. CPC1465M Datasheet HTML 8Page - Clare, Inc. CPC1465M Datasheet HTML 9Page - Clare, Inc. CPC1465M Datasheet HTML 10Page - Clare, Inc. CPC1465M Datasheet HTML 11Page - Clare, Inc. CPC1465M Datasheet HTML 12Page - Clare, Inc. CPC1465M Datasheet HTML 13Page - Clare, Inc. CPC1465M Datasheet HTML 14Page - Clare, Inc. CPC1465M Datasheet HTML 15Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CPC1465
14
www.clare.com
R02
3.2 Printed Circuit Board Layout Pattern
3.2.1 SOIC
3.2.2 DFN
NOTE: As the metallic pad on the bottom of the DFN
package is connected to the substrate of the die, Clare
recommends that no printed circuit board traces or
vias be placed under this area.
3.3 Tape and Reel Packaging
3.3.1 SOIC
1.90
(0.075)
1.27
(0.050)
mm
(inches)
DIMENSIONS
9.30
(0.366)
0.60
(0.024)
DIMENSIONS
mm
(inches)
5.80
(0.228)
0.35
(0.014)
1.05
(0.041)
0.80
(0.031)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Dimensions
mm
(inches)
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
User Direction of Feed
Top Cover
Tape
P=12.00
(0.47)
A
0=10.90 + 0.15
(0.429 + 0.010)
B
0=10.70 + 0.15
(0.421 + 0.01)
W=16.00 + 0.30
(0.630 + 0.010)
K
0=3.20 + 0.15
(0.193 + 0.01)
K
1=2.70 + 0.15
(0.106 + 0.01)
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com