Electronic Components Datasheet Search
  English  ▼

X  

CPC1465M Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1465M
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465M Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1465M Datasheet HTML 1Page - Clare, Inc. CPC1465M Datasheet HTML 2Page - Clare, Inc. CPC1465M Datasheet HTML 3Page - Clare, Inc. CPC1465M Datasheet HTML 4Page - Clare, Inc. CPC1465M Datasheet HTML 5Page - Clare, Inc. CPC1465M Datasheet HTML 6Page - Clare, Inc. CPC1465M Datasheet HTML 7Page - Clare, Inc. CPC1465M Datasheet HTML 8Page - Clare, Inc. CPC1465M Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CPC1465
4
www.clare.com
R02
1.4 Electrical Characteristics
Unless otherwise specified, minimum and maximum
values are guaranteed by production testing
requirements. Typical values are characteristic of the
device and are the result of engineering evaluations.
In addition, typical values are provided for
informational purposes only and are not part of the
testing requirements.
All electrical specifications are provided for TA=25°C
1.4.1 DC Characteristics, Normal Operation
For operational templates: (see Figure 2 on page 5) and (see Figure 3 on page 5).
1.4.2 AC Characteristics, Normal Operation
For test conditions: (see Figure 4 on page 6) and (see Figure 5 on page 6).
1.4.3 Transition Characteristics, Normal Operation
For activation/deactivation test conditions: (see Figure 6 on page 7).
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Activate/Non-activate Voltage
Off State
VAN
30.0
35.0
39.0
V
Breakover current
-
IBO
-0.5
1
mA
DC Voltage drop
Active State, 1 mA
≤ I
SL ≤ 20 mA
VON
-12.5
15
V
DC leakage current
VOFF = 20 V
ILKG
-1.5
5
μA
Hold/Release current
Active State
IH/R
0.1
0.5
1.0
mA
Minimum on current
VON < 54 V
IMIN1
20
38
-
mA
Minimum on current
54 V
≤ V
ON ≤ 100 V for 2 seconds,
source resistance 200
Ω to 4 kΩ
IMIN2
9.0
45
-
mA
Minimum on current
VON > 100 V
IMIN3
00.1
-
mA
Maximum on current
VON ≤ 70 V
IMAX1
-38.4
70
mA
Maximum on current
VON > 70 V
IMAX2
--
mA
Photodiode drive current
Active State
IPD
0.2
0.3
10
mA
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
ac impedance
200 Hz to 50 kHz
ZMT
10
38
-
k
Ω
Linearity distortion
f = 200 Hz to 40 kHz, ISL = 1 mA to
20 mA, VAPP ≤ 10.5 VPP
D1
75
78
-
dB
Linearity distortion
f = 200 Hz to 40 kHz, ISL = 1 mA to
20 mA, VAPP ≤ 12 VPP
D2
50
70
-
dB
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Activate time
(see Figure 7 on page 7)
t1
3.0
13
50
ms
Deactivate time
(see Figure 8 on page 7)
t2
3.0
-
100
ms
VON
1k
Ω
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com