Electronic Components Datasheet Search
  English  ▼

X  

CPC1465M Datasheet(PDF) 15 Page - Clare, Inc.

Part # CPC1465M
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465M Datasheet(HTML) 15 Page - Clare, Inc.

Back Button CPC1465M Datasheet HTML 7Page - Clare, Inc. CPC1465M Datasheet HTML 8Page - Clare, Inc. CPC1465M Datasheet HTML 9Page - Clare, Inc. CPC1465M Datasheet HTML 10Page - Clare, Inc. CPC1465M Datasheet HTML 11Page - Clare, Inc. CPC1465M Datasheet HTML 12Page - Clare, Inc. CPC1465M Datasheet HTML 13Page - Clare, Inc. CPC1465M Datasheet HTML 14Page - Clare, Inc. CPC1465M Datasheet HTML 15Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
R02
www.clare.com
15
3.3.2 DFN
3.4 Soldering
3.4.1 Moisture Reflow Sensitivity
Clare has characterized the moisture reflow sensitivity
for this product using IPC/JEDEC standard
J-STD-020. Moisture uptake from atmospheric
humidity occurs by diffusion. During the solder reflow
process, in which the component is attached to the
PCB, the whole body of the component is exposed to
high process temperatures. The combination of
moisture uptake and high reflow soldering
temperatures may lead to moisture induced
delamination and cracking of the component. To
prevent this, this component must be handled in
accordance with IPC/JEDEC standard J-STD-033 per
the labeled moisture sensitivity level (MSL), level 1 for
the SOIC package, and level 3 for the DFN package.
3.4.2 Reflow Profile
For proper assembly, this component must be
processed in accordance with the current revision of
IPC/JEDEC standard J-STD-020. Failure to follow the
recommended guidelines may cause permanent
damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
3.5 Washing
Clare does not recommend ultrasonic cleaning of this
part.
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Dimensions
mm
(inches)
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
K
0=1.61 + 0.10
(0.063 + 0.004)
B
0=7.24 + 0.10
(0.285 + 0.004)
W=16.00 + 0.30
(0.630 + 0.012)
P=12.00 + 0.10
(0.472 + 0.004)
A
0=6.24 + 0.10
(0.246 + 0.004)
Pin 1
User Direction of Feed
For additional information please visit www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses or indemnity are expressed or implied. Except as set
forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty relating to its
products, including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized, or warranted for use as components in systems intended for surgical implant into
the body, or in other applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a
person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specifications: DS-CPC1465 - R02
© Copyright 2008, Clare, Inc.
All rights reserved. Printed in USA.
4/16/08
RoHS
2002/95/EC
e3
Pb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com