Electronic Components Datasheet Search
  English  ▼

X  

MBR1045 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MBR1045
Description  SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR1045 Datasheet(HTML) 4 Page - Motorola, Inc

  MBR1045 Datasheet HTML 1Page - Motorola, Inc MBR1045 Datasheet HTML 2Page - Motorola, Inc MBR1045 Datasheet HTML 3Page - Motorola, Inc MBR1045 Datasheet HTML 4Page - Motorola, Inc MBR1045 Datasheet HTML 5Page - Motorola, Inc MBR1045 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBR1035 MBR1045
4
Rectifier Device Data
HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of majority
carrier conduction, it is not subject to junction diode forward and
reverse recovery transients due to minority carrier injection and
stored charge. Satisfactory circuit analysis work may be performed
by using a model consisting of an ideal diode in parallel with a
variable capacitance. (See Figure 10.)
Rectification efficiency measurements show that operation will
be satisfactory up to several megahertz. For example, relative
waveform rectification efficiency is approximately 70 percent at
2.0 MHz, e.g., the ratio of dc power to RMS power in the load is
0.28 at this frequency, whereas perfect rectification would yield
0.406 for sine wave inputs. However, in contrast to ordinary
junction diodes, the loss in waveform efficiency is not indicative of
power loss; it is simply a result of reverse current flow through the
diode capacitance, which lowers the dc output voltage.
2.0
µs
1.0 kHz
12 V
100
VCC
12 Vdc
2N2222
CURRENT
AMPLITUDE
ADJUST
0–10 AMPS
100
CARBON
2N6277
1.0 CARBON
1N5817
D.U.T.
2.0 k
Ω
+150 V, 10 mAdc
4.0
µF
+
VR, REVERSE VOLTAGE (VOLTS)
0.5
1500
1000
500
300
150
0.1
0.05
50
700
Figure 10. Capacitance
0.2
2.0
1.0
5.0
200
MAXIMUM
TYPICAL
10
20
UL RATED EPOXY
COPPER
ALUMINUM WIRE
ANODE
SCHOTTKY CHIP (See View A–A)
CATHODE
SOLDER DIPPED
COPPER LEADS
3
1
4
Motorola builds quality and reliability into its Schottky Rectifiers.
First is the chip, which has an interface metal between the
barrier metal and aluminum–contact metal to eliminate any
possible interaction between the two. The indicated guardring
prevents dv/dt problems, so snubbers are not mandatory. The
guardring also operates like a zener to absorb over–voltage
transients.
Second is the package. The Schottky chip is bonded to the
copper heat sink using a specially formulated solder. This gives the
unit the capability of passing 10,000 operating thermal–fatigue
cycles having a
DTJ of 100°C. The epoxy molding compound is
rated per UL 94, V0 @ 1/8
″. Wire bonds are 100% tested in
assembly as they are made.
Third is the electrical testing, which includes 100% dv/dt at 1600
V/
ms and reverse avalanche as part of device characterization.
GUARDRING
PLATINUM BARRIER METAL
OXIDE
PASSIVATION
ALUMINUM CONTACT METAL
SCHOTTKY CHIP — View A–A
Figure 11. Schottky Rectifier
Figure 12. Test Circuit for dv/dt and
Reverse Surge Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com