Electronic Components Datasheet Search
  English  ▼

X  

MBR1045 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBR1045
Description  SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR1045 Datasheet(HTML) 1 Page - Motorola, Inc

  MBR1045 Datasheet HTML 1Page - Motorola, Inc MBR1045 Datasheet HTML 2Page - Motorola, Inc MBR1045 Datasheet HTML 3Page - Motorola, Inc MBR1045 Datasheet HTML 4Page - Motorola, Inc MBR1045 Datasheet HTML 5Page - Motorola, Inc MBR1045 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
SWITCHMODE™ Power Rectifiers
. . . using the Schottky Barrier principle with a platinum barrier metal. These
state–of–the–art devices have the following features:
• Guardring for Stress Protection
• Low Forward Voltage
• 150°C Operating Junction Temperature
• Guaranteed Reverse Avalanche
• Epoxy Meets UL94, VO at 1/8″
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Shipped 50 units per plastic tube
• Marking: B1035, B1045
MAXIMUM RATINGS
Rating
Symbol
MBR1035
MBR1045
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
35
45
Volts
Average Rectified Forward Current (Rated VR)
TC = 135°C
IF(AV)
10
10
Amps
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 135°C
IFRM
20
20
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
150
Amps
Peak Repetitive Reverse Surge Current
(2.0
µs, 1.0 kHz) See Figure 12
IRRM
1.0
1.0
Amp
Operating Junction Temperature
TJ
*65 to +150
*65 to +150
°C
Storage Temperature
Tstg
*65 to +175
*65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
1000
10000
V/
µs
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction to Case
R
θJC
2.0
2.0
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1)
(iF = 10 Amps, TC = 125°C)
(iF = 20 Amps, TC = 125°C)
(iF = 20 Amps, TC = 25°C)
vF
0.57
0.72
0.84
0.57
0.72
0.84
Volts
Maximum Instantaneous Reverse Current (1)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
15
0.1
15
0.1
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBR1035/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3
1, 4
MBR1035
MBR1045
SCHOTTKY BARRIER
RECTIFIERS
10 AMPERES
20 to 45 VOLTS
CASE 221B–03
TO–220AC
PLASTIC
MBR1045 is a
Motorola Preferred Device
1
3
4
Rev 2


Similar Part No. - MBR1045

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1045 FAIRCHILD-MBR1045 Datasheet
46Kb / 3P
10 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1045 DIODES-MBR1045 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
General Semiconductor
MBR1045 GE-MBR1045 Datasheet
66Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1045 MCC-MBR1045 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
MBR1045 TSC-MBR1045 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRP20045CT MOTOROLA-MBRP20045CT Datasheet
59Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 200 AMPERES 45 to 60 VOLTS
logo
Mospec Semiconductor
SRF20120C MOSPEC-SRF20120C Datasheet
171Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 120 VOLTS
logo
Pan Jit International I...
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040CT PANJIT-MBR2040CT Datasheet
87Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBR10100G KERSEMI-MBR10100G Datasheet
415Kb / 4P
SCHOTTKY BARRIER RECTIFIERS 10 AMPERES, 60 to 100 VOLTS
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
MBRF2045CTG KERSEMI-MBRF2045CTG Datasheet
504Kb / 8P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 45 VOLTS
logo
DIYI Electronic Technol...
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040DC-AU PANJIT-MBR2040DC-AU_16 Datasheet
195Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com