Electronic Components Datasheet Search
  English  ▼

X  

MBR1045 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBR1045
Description  SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR1045 Datasheet(HTML) 3 Page - Motorola, Inc

  MBR1045 Datasheet HTML 1Page - Motorola, Inc MBR1045 Datasheet HTML 2Page - Motorola, Inc MBR1045 Datasheet HTML 3Page - Motorola, Inc MBR1045 Datasheet HTML 4Page - Motorola, Inc MBR1045 Datasheet HTML 5Page - Motorola, Inc MBR1045 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR1035 MBR1045
3
Rectifier Device Data
(CAPACITIVE LOAD)
I
PK
I
AV
+ 5
110
TC, CASE TEMPERATURE (°C)
15
10
5.0
0
TA, AMBIENT TEMPERATURE (°C)
80
0
16
8.0
4.0
2.0
0
40
120
130
140
20
20
160
6.0
150
160
Figure 5. Current Derating, Infinite Heatsink
Figure 6. Current Derating, R
qJA = 16°C/W
60
120
100
140
2.0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
8.0
5.0
4.0
2.0
0
TA, AMBIENT TEMPERATURE (°C)
80
0
5.0
4.0
2.0
1.0
0
40
4.0
6.0
10
8.0
10
20
160
3.0
12
16
14
Figure 7. Forward Power Dissipation
Figure 8. Current Derating, Free Air
60
120
100
140
14
10
12
3.0
1.0
9.0
7.0
6.0
0.01
0.1
1.0
10
100
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.5
0.3
0.2
1.0
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
∆TJL = Ppk • RθJL [D + (1 – D) • r(t1 + tp) + r(tp) – r(t1)] where:
∆TJL = the increase in junction temperature above the lead temperature.
r(t) = normalized value of transient thermal resistance at time, t, i.e.:
r(t1 + tp) = normalized value of transient thermal resistance at time,
t1 + tp.
1000
Figure 9. Thermal Response
dc
TJ = 150°C
SINE WAVE
RESISTIVE LOAD
SQUARE
WAVE
(CAPACITIVE LOAD)
I
PK
I
AV
+ 5
20
10
RATED VOLTAGE APPLIED
dc
SQUARE
WAVE
20
10
I
PK
I
AV
+ p (RESISTIVE LOAD)
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20, 10, 5
RATED VOLTAGE APPLIED
dc
SQUARE
WAVE
I
PK
I
AV
+ p (RESISTIVE LOAD)
dc
SQUARE
WAVE
I
PK
I
AV
+ p (RESISTIVE LOAD)
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20, 10, 5
RATED VOLTAGE APPLIED
RqJA = 60°C/W
0.07
0.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com