Electronic Components Datasheet Search
  English  ▼

X  

CPC7220 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC7220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7220 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC7220 Datasheet HTML 1Page - Clare, Inc. CPC7220 Datasheet HTML 2Page - Clare, Inc. CPC7220 Datasheet HTML 3Page - Clare, Inc. CPC7220 Datasheet HTML 4Page - Clare, Inc. CPC7220 Datasheet HTML 5Page - Clare, Inc. CPC7220 Datasheet HTML 6Page - Clare, Inc. CPC7220 Datasheet HTML 7Page - Clare, Inc. CPC7220 Datasheet HTML 8Page - Clare, Inc. CPC7220 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CPC7220
www.clare.com
3
R00H
LQFP Package Pinout
Pin Descriptions
CPC7220
Name
Description
1
SW5
SW5 output
2
N/C
No Connection
3
SW4
SW4 output
4
N/C
No Connection
5
SW4
SW4 output
6
N/C
No Connection
7
N/C
No Connection
8
SW3
SW3 output
9
N/C
No Connection
10
SW3
SW3 output
11
N/C
No Connection
12
SW2
SW2 output
13
N/C
No Connection
14
SW2
SW2 output
15
N/C
No Connection
16
SW1
SW1 output
17
N/C
No Connection
18
SW1
SW1 output
19
N/C
No Connection
20
SW0
SW0 output
21
N/C
No Connection
22
SW0
SW0 output
23
N/C
No Connection
24
V
PP
Switch positive high voltage supply
25
V
NN
Switch negative high voltage supply
26
N/C
No Connection
27
N/C
No Connection
28
GND
Ground
29
V
DD
Logic positive voltage supply
30
N/C
No Connection
31
N/C
No Connection
32
N/C
No Connection
33
D
IN
Serial data input
34
CLK
Clock input, positive edge trigger
35
LE
Latch enable, active low
36
CL
Latch clear, active high clears latches and opens switches
37
D
OUT
Serial data output
38
N/C
No Connection
39
SW7
SW7 output
40
N/C
No Connection
41
SW7
SW7 output
42
N/C
No Connection
43
SW6
SW6 output
44
N/C
No Connection
45
SW6
SW6 output
46
N/C
No Connection
47
SW5
SW5 output
48
N/C
No Connection
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com