Electronic Components Datasheet Search
  English  ▼

X  

CPC7220 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC7220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7220 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC7220 Datasheet HTML 1Page - Clare, Inc. CPC7220 Datasheet HTML 2Page - Clare, Inc. CPC7220 Datasheet HTML 3Page - Clare, Inc. CPC7220 Datasheet HTML 4Page - Clare, Inc. CPC7220 Datasheet HTML 5Page - Clare, Inc. CPC7220 Datasheet HTML 6Page - Clare, Inc. CPC7220 Datasheet HTML 7Page - Clare, Inc. CPC7220 Datasheet HTML 8Page - Clare, Inc. CPC7220 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.clare.com
4
CPC7220
R00H
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚ C)
Parameter
Ratings
Units
V
DD logic power supply voltage
-0.5 to +6
V
V
PP - VNN supply voltage
220
V
V
PP positive high voltage supply
-0.5 to V
NN +200
V
V
NN negative high voltage supply
+0.5 to V
PP -200
V
Logic input voltages
-0.5 to V
DD +0.3
V
Analog signal range
V
NN to VPP
-
Peak analog signal current/channel
1
A
Power dissipation
1.2
W
Storage Temperature
-60 to +150
°C
Parameter
Symbol
Value
Logic power supply voltage 1,3
V
DD
4.5V to 6V
Positive high voltage supply 1,3
V
PP
40V to V
NN + 200V
Negative high voltage supply 1,3
V
NN
-40V to -160V
Analog signal voltage peak to peak 2
V
SIG
V
NN + 10V to VPP -10V
Operating temperature
T
A
0ºC to 70ºC
NOTES:
1
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1msec.
Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com