Electronic Components Datasheet Search
  English  ▼

X  

CPC7220 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC7220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7220 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC7220 Datasheet HTML 1Page - Clare, Inc. CPC7220 Datasheet HTML 2Page - Clare, Inc. CPC7220 Datasheet HTML 3Page - Clare, Inc. CPC7220 Datasheet HTML 4Page - Clare, Inc. CPC7220 Datasheet HTML 5Page - Clare, Inc. CPC7220 Datasheet HTML 6Page - Clare, Inc. CPC7220 Datasheet HTML 7Page - Clare, Inc. CPC7220 Datasheet HTML 8Page - Clare, Inc. CPC7220 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CPC7220
www.clare.com
5
R00H
Parameter
Symbol Test Conditions
0ºC
+25ºC
+70ºC
Units
min
max
min
typ max min
max
Small Signal Switch On-resistance
R
ONS
V
PP = 40V,
V
NN = -160V
I
SIG = 5mA
-
30
-
26
38
-
48
Ω
I
SIG = 200mA
-
25
-
22
27
-
32
V
PP = 100V,
V
NN = -100V
I
SIG = 5mA
-
25
-
22
27
-
33
I
SIG = 200mA
-
18
-
18
24
-
27
V
PP = 160V,
V
NN = -40V
I
SIG = 5mA
-
23
-
20
25
-
30
I
SIG = 200mA
-
22
-
16
25
-
27
Small Signal Switch
On-resistance Matching
ΔR
ONS
I
SW = 5mA, VPP = 100V,
V
NN = -100V
-
20
-
5
20
-
20
%
Large Signal Switch On-resistance
R
ONL
V
SIG = VPP - 10V, ISIG = 0.8A
-
-
-
15
-
-
-
Ω
Switch Off Leakage Per Switch
I
SOL
V
SIG = VPP - 10V and VNN + 10V
-
5
-
0.4
10
-
15
µA
DC Offset Switch Off
-
R
L = 100KΩ
-
100
-
0
100
-
100
mV
DC Offset Switch On
-
R
L = 100KΩ
-
100
-
0
100
-
100
mV
V
PP Quiescent Supply Current
I
PPQ
ALL SWs OFF
-
-
-
0.1
10
-
-
µA
ALL SWs ON I
SW = 5mA
V
NN Quiescent Supply Current
I
NNQ
ALL SWs OFF
-
-
-
-0.1
-10
-
-
µA
ALL SWs ON I
SW = 5mA
Switch Output Peak Current
-
V
SIG duty cycle
0.1%
-
-
-
-
0.8
-
-
A
Output Switch Frequency
f
SW
Duty Cycle = 50%
-
-
-
-
50
-
-
KHz
V
PP Operating Supply Current
I
PP
V
PP = 40V,
V
NN = -160V
50kHz Output
Switching
Frequency with
no load
-
6.5
-
-
7
-
8
mA
V
PP = 100V,
V
NN = -100V
-
5
-
-
5.5
-
5.5
V
NN Operating Supply Current
I
NN
V
PP = 160V,
V
NN = -40V
-
5
-
-
5
-
5.5
V
DD Average Supply Current
I
DD
f
CLK = 5MHz, VDD = 5V
-
4
-
-
4
-
4
mA
V
DD Quiescent Supply Current
I
DDQ
-
-
10
-
1
10
-
10
µA
D
OUT Source Capability
V
OH
I
OUT = -400µA
-
-
V
DD
-0.7
--
-
-
V
D
OUT Sink Capability
V
OL
I
OUT = +400µA
-
-
-
-
0.7
-
-
V
Logic Input Capacitance
C
IN
-
10
-
-
10
-
10
pF
Logic Input High
V
IH
4.75V < V
DD < 5.25V
2
-
2
-
-
2
-
V
Logic Input Low
V
IL
4.75V < V
DD < 5.25V
-
0.8
-
-
0.8
-
0.8
V
Electrical Characteristcs
DC Characteristics (over recommended operating conditions unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com