Electronic Components Datasheet Search
  English  ▼

X  

LBA716STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LBA716STR
Description  Dual Single-Pole OptoMOS짰 Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA716STR Datasheet(HTML) 1 Page - Clare, Inc.

  LBA716STR Datasheet HTML 1Page - Clare, Inc. LBA716STR Datasheet HTML 2Page - Clare, Inc. LBA716STR Datasheet HTML 3Page - Clare, Inc. LBA716STR Datasheet HTML 4Page - Clare, Inc. LBA716STR Datasheet HTML 5Page - Clare, Inc. LBA716STR Datasheet HTML 6Page - Clare, Inc. LBA716STR Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.clare.com
DS-LBA716-R01
1
LBA716
Dual Single-Pole OptoMOS® Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
LBA716
8-Pin DIP (50/Tube)
LBA716S
8-Pin Surface Mount (50/Tube)
LBA716STR
8-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
60
V
Load Current
1
A
Max On-resistance
0.4
Ω
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Switching Characteristics of Normally
Closed (Form B) Devices
LBA716 is 60V, 1A, 0.4
Ω dual Solid State Relay
integrating independent 1-Form-A and 1-Form-B
relays into a single package. It features a superior
combination of low on-resistance and enhanced peak
load current (5A max.) handling capability.
• Telecommunications
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Utility Meters (gas, oil, electric and water)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
• EN/IEC 60950-1 Compliant
• 100% Solid State
• Small 8-Pin Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• 3750V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount Versions
• Tape & Reel available
1
2
3
4
8
7
6
5
+ Control - Normally Closed
– Control - Normally Closed
+ Control - Normally Open
– Control - Normally Open
Normally Closed
Normally Open
CONTROL
10%
90%
+
TON
TOFF
+
I
LOAD
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+


Similar Part No. - LBA716STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LBA716STR IXYS-LBA716STR Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
More results

Similar Description - LBA716STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
Dual Single-Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
Single Pole OptoMOS짰 Relay
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
Single Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
Dual Single Pole OptoMOS짰 Relay
XAA170 CLARE-XAA170_1 Datasheet
139Kb / 6P
Dual Single Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com