Electronic Components Datasheet Search
  English  ▼

X  

LBA716STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LBA716STR
Description  Dual Single-Pole OptoMOS짰 Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA716STR Datasheet(HTML) 3 Page - Clare, Inc.

  LBA716STR Datasheet HTML 1Page - Clare, Inc. LBA716STR Datasheet HTML 2Page - Clare, Inc. LBA716STR Datasheet HTML 3Page - Clare, Inc. LBA716STR Datasheet HTML 4Page - Clare, Inc. LBA716STR Datasheet HTML 5Page - Clare, Inc. LBA716STR Datasheet HTML 6Page - Clare, Inc. LBA716STR Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LBA716
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage Drop (V)
1.220
1.225
1.230
1.235
1.240
1.245
0
5
10
15
20
25
30
1-Form-A & 1-Form-B Relays
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=5mA)
On-Resistance (
Ω)
0.206
0.207
0.208
0.209
0.210
0.211
0
5
10
15
20
25
1-Form-A Relay
Typical On-Resistance
(N=50, T
A=25ºC, IL=1A, IF=5mA)
On-Resistance (
Ω)
1.49
1.53
1.57
1.61
1.65
1.69
0
5
10
15
20
1-Form-B Relay
Typical On-Resistance
(N=50, T
A=25ºC, IL=5mA, IF=0mA)
Blocking Voltage (V
P)
65.5
66.0
66.5
67.0
67.5
68.0
0
5
10
15
20
1-Form-A Relay
Typical Blocking Voltage
(N=50, T
A=25ºC)
Blocking Voltage (V
P)
75
76
77
78
79
80
0
5
10
15
20
1-Form-B Relay
Typical Blocking Voltage
(N=50, T
A=25ºC, IF=5mA)
LED Forward Current (mA)
0.65
0.69
0.73
0.77
0.81
0.85
0
5
10
15
20
1-Form-A Relay
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=200mA)
LED Forward Current (mA)
0.16
0.17
0.18
0.19
0.20
0.21
0
5
10
15
20
25
1-Form-B Relay
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=200mA)
Turn-Off Time (ms)
0.57
0.61
0.65
0.69
0.73
0.77
0
5
10
15
20
25
1-Form-A Relay
Typical Turn-On Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
Turn-On Time (ms)
0.077
0.082
0.087
0.092
0.097
0.102
0
5
10
15
20
1-Form-A Relay
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
Turn-On Time (ms)
0.507
0.530
0.553
0.576
0.599
0.622
0
5
10
15
20
1-Form-B Relay
Typical Turn-On Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
Turn-Off Time (ms)
0.63
0.67
0.71
0.75
0.79
0.83
0
5
10
15
20
25
1-Form-B Relay
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com