Electronic Components Datasheet Search
  English  ▼

X  

LBA716STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LBA716STR
Description  Dual Single-Pole OptoMOS짰 Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA716STR Datasheet(HTML) 4 Page - Clare, Inc.

  LBA716STR Datasheet HTML 1Page - Clare, Inc. LBA716STR Datasheet HTML 2Page - Clare, Inc. LBA716STR Datasheet HTML 3Page - Clare, Inc. LBA716STR Datasheet HTML 4Page - Clare, Inc. LBA716STR Datasheet HTML 5Page - Clare, Inc. LBA716STR Datasheet HTML 6Page - Clare, Inc. LBA716STR Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.clare.com
4
LBA716
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Form-A Relay
Typical Load Current vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
1-Form-A Relay
Typical Leakage vs. Temperature
Measured Across Pins 5 & 6
(V
L=60V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
62
63
64
65
66
67
68
69
70
1-Form-A Relay
Typical Blocking Voltage vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
1-Form-A Relay
Typical Turn-On vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
50
55
60
65
70
75
80
85
90
1-Form-A Relay
Typical Turn-Off vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
0
200
400
600
800
1000
1200
1-Form-A Relay
Typical Turn-On vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
77.1
77.2
77.3
77.4
77.5
77.6
77.7
77.8
1-Form-A Relay
Typical Turn-Off vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
1-Form-A Relay
Typical On-Resistance (AC)
vs. Temperature
(I
L=500mA, IF=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
1-Form-A Relay
Typical I
F for Switch Operation
vs. Temperature
(I
L=200mA)
Voltage (V)
-0.20 -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20
-1.0
-0.5
0.0
0.5
1.0
1-Form-A Relay
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=5mA)
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
0
1
2
3
4
5
6
1-Form-A Relay
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com