Electronic Components Datasheet Search
  English  ▼

X  

MX877 Datasheet(PDF) 9 Page - IXYS Corporation

Part # MX877
Description  8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX877 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button MX877 Datasheet HTML 2Page - IXYS Corporation MX877 Datasheet HTML 3Page - IXYS Corporation MX877 Datasheet HTML 4Page - IXYS Corporation MX877 Datasheet HTML 5Page - IXYS Corporation MX877 Datasheet HTML 6Page - IXYS Corporation MX877 Datasheet HTML 7Page - IXYS Corporation MX877 Datasheet HTML 8Page - IXYS Corporation MX877 Datasheet HTML 9Page - IXYS Corporation MX877 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MX877
9
06/08/06
Drawing No. 087709
www.claremicronix.com
MX877
IXYS
IXYS Corporation makes no representations or warranties with respect to the accuracy or completeness of the contents of this
publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither
circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS’ Standard Terms and Conditions of Sale,
IXYS Corporation assumes no liability whatsoever, and disclaims any expressed or implied warranty, relating to its products
including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any
intellectual property right.
.128
.118
3.25
3.00
E2
NOTES: (UNLESS OTHERWISE SPECIFIED)
HEAT SINK SLUG AS WELL AS THE TERMINALS.
3. MOLDED PACKAGE SHALL CONFORM TO
2. DIMENSIONS AND TOLERANCING CONFORM
1. COPLANARITY APPLIES TO THE EXPOSED
.0197 BSC
.0256
MO-220 VARIATION VHHD-1.
TO ASME Y14.5M-1994.
JEDEC STANDARD CONFIGURATION
.0177
28
L
N
e
.500 BSC
28
.65
.45
BOTTOM VIEW
SIDE VIEW
28 LEAD 5MM X 5MM X 0.90MM QFN
MM.
INCH
.039
.008 REF.
.012
.197 BSC
.128
.197 BSC
.002
MAX.
.031
.007
.118
A2
D2
E
D
b
A1
A
0
DIM.
MIN.
5.00 BSC
3.25
3.00
5.00 BSC
,200 REF.
1.0
.80
.30
.18
.05
0
MAX.
MIN.
DIMENSIONS
TOP VIEW
PIN 1
(REF.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com