Electronic Components Datasheet Search
  English  ▼

X  

MX877 Datasheet(PDF) 10 Page - IXYS Corporation

Part # MX877
Description  8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX877 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button MX877 Datasheet HTML 2Page - IXYS Corporation MX877 Datasheet HTML 3Page - IXYS Corporation MX877 Datasheet HTML 4Page - IXYS Corporation MX877 Datasheet HTML 5Page - IXYS Corporation MX877 Datasheet HTML 6Page - IXYS Corporation MX877 Datasheet HTML 7Page - IXYS Corporation MX877 Datasheet HTML 8Page - IXYS Corporation MX877 Datasheet HTML 9Page - IXYS Corporation MX877 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MX877
10
06/08/06
Drawing No. 087709
www.claremicronix.com
World Wide Sales Offices
IXYS
IXYS Corporation
3540 Bassett Street
Santa Clara, CA 925054
Tel: 1-408-892-0700
Fax: 1-408-496-0670
e-mail:sales@ixys.net
Micronix
An IXYS Company
145 Columbia
Aliso Viejo, CA 92656-1490
Tel: 1-949-831-4622
Fax: 1-949-831-4628
SALES OFFICES AMERICAS
Eastern Region
[Eastern North America, Mexico, South America]
IXYS Corporation
Beverly, MA
Tel: 508-528-6883
Fax: 508-528-4562
wgh@ixys.net
Central Region
[Central North America]
IXYS Corporation
Greensburg, PA
Tel: 724-836-8530
Fax: 724-836-8540
neil.lejeune@westcode.com
Western Region
[Western North America]
IXYS Coporation
Solana Beach, CA
Tel: 858-792-1101
slodor@ix.netcom.com
SALES OFFICES EUROPE
European Headquarters
IXYS Semiconductor GMBH
Edisonstrasse 15
D- 68623 Lampertheim
Germany
Tel: 49-6206-503203
Fax: 49-6206-503286
marcom@ixys.de
United Kingdom
IXYS Semiconductor Limited
Langley Park Way
Langley Park
Chippenham
Wiltshire SN 15 1GE - England
Tel: 44 1249 444524
Fax: 44 1249 659448
sales@ixys.co.uk
Sales Offices ASIA / PACIFIC
Asian Headquarters
IXYS
Room 1016, Chia-Hsin, Bldg II,
10F, No. 96, Sec. 2
Chung Shan North Road
Taipei, Taiwan R.O.C.
Tel: 886-2-2523-6368
Fax: 886-2-2523-6368
bradley.green@ixys.co.uk
Jhong@clare.com
Check the IXYS Website for the local sales
office nearest you. (www.ixys.com)
http://www.claremicronix.com
IXYS cannot assume responsibility for use of any circuitry other than circuitry
entirely embodied in this IXYS product. No circuit patent licenses nor indemnity
are expressed or implied. IXYS reserves the right to change the specification and
circuitry, without notice at any time. The products described in this document are
not intended for use in medical implantation or other direct life support
applications where malfunction may result in direct physical harm, injury or death
to a person.
Specification: MX877
©Copyright 2006, IXYS Corporation
All rights reserved. Printed in USA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com