Electronic Components Datasheet Search
  English  ▼

X  

MX877 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX877
Description  8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX877 Datasheet(HTML) 1 Page - IXYS Corporation

  MX877 Datasheet HTML 1Page - IXYS Corporation MX877 Datasheet HTML 2Page - IXYS Corporation MX877 Datasheet HTML 3Page - IXYS Corporation MX877 Datasheet HTML 4Page - IXYS Corporation MX877 Datasheet HTML 5Page - IXYS Corporation MX877 Datasheet HTML 6Page - IXYS Corporation MX877 Datasheet HTML 7Page - IXYS Corporation MX877 Datasheet HTML 8Page - IXYS Corporation MX877 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IXYS
MX877
1
06/08/06
Drawing No. 087709
www.claremicronix.com
MX877
8-Channel, 60V Relay/Load Driver
Push-Pull Output, 3 Wire Interface
Features:
• 8 Outputs Rated at 60V, 80mA
• Push-Pull Driver Configuration
• 6V to 60V Driver Supply Range
• 2.7V to 5.5V Logic Supply Range
• 3 Wire Serial Interface plus Chip Select
• Captures Serial & Parallel Input Data
• Outputs can be paralleled
• 28 Lead QFN Package
Applications:
• White Goods
• ATE
• Industrial Equipment
• Automotive Relay Control
General Description
The MX877 is an 8 channel high voltage switch with
8-bit parallel or serial input control. The MX877
connects directly to a microprocessor through a
standard 3 wire serial interface. The push-pull
output configuration can drive up to 60 volts at
80mA. Outputs can be paralleled for increased drive
current up to a device total of 400mA sink or source.
The MX877 is designed to operate over a
temperature range of -40°C to +85°C, and is
available in a QFN-28 Package.
Ordering Information
Part No.
Description
Qty
087700-00
QFN-28
73
087741-00
QFN-28 Tape & Reel
2500
Functional Block Diagram
VCC
VPWR
CS*
SDO
IN7
IN6
OUT7
IN5
I/O
Register
Latch
Register
Driver
OUT6
IN4
OUT5
IN3
OUT4
IN2
OUT3
IN1
OUT2
IN 0
OUT1
OUT0
SCK
SDI
OE
GND
Parallel
In & Out
Level
Translator


Similar Part No. - MX877

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
logo
IXYS Corporation
MX8771 IXYS-MX8771 Datasheet
192Kb / 6P
16-Channel, 60V Driver Push-Pull Output, I2C Interface
MX8771R IXYS-MX8771R Datasheet
192Kb / 6P
16-Channel, 60V Driver Push-Pull Output, I2C Interface
MX8771RTR IXYS-MX8771RTR Datasheet
192Kb / 6P
16-Channel, 60V Driver Push-Pull Output, I2C Interface
logo
Clare, Inc.
MX877R CLARE-MX877R Datasheet
652Kb / 11P
8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
More results

Similar Description - MX877

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18293 NSC-LM18293 Datasheet
144Kb / 6P
Four Channel Push-Pull Driver
logo
Maxim Integrated Produc...
MAX4896 MAXIM-MAX4896 Datasheet
263Kb / 14P
Space-Saving, 8-Channel Relay/Load Driver
Rev 1; 6/07
logo
IXYS Corporation
MX878 IXYS-MX878 Datasheet
200Kb / 10P
8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
MX879 IXYS-MX879 Datasheet
200Kb / 10P
8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
MX8771 IXYS-MX8771 Datasheet
192Kb / 6P
16-Channel, 60V Driver Push-Pull Output, I2C Interface
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
MX879 CLARE-MX879 Datasheet
607Kb / 11P
8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
logo
Maxim Integrated Produc...
MAX4896_V3 MAXIM-MAX4896_V3 Datasheet
195Kb / 13P
Space-Saving, 8-Channel Relay/Load Driver
Rev 3; 7/12
logo
TiMOTION Technology Co....
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com