Electronic Components Datasheet Search
  English  ▼

X  

MX8771 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MX8771
Description  16-Channel, 60V Driver Push-Pull Output, I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8771 Datasheet(HTML) 2 Page - IXYS Corporation

  MX8771 Datasheet HTML 1Page - IXYS Corporation MX8771 Datasheet HTML 2Page - IXYS Corporation MX8771 Datasheet HTML 3Page - IXYS Corporation MX8771 Datasheet HTML 4Page - IXYS Corporation MX8771 Datasheet HTML 5Page - IXYS Corporation MX8771 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MX8771
IXYS
Absolute Maximum Ratings (Voltages with respect to GND=0V)
Parameter
Symbol
Min
Max
Unit
VPWR Supply Voltage
VPWR
62
V
Logic Supply Voltage
VCC
6
V
Input Pin Voltage
VIN
6
V
Continuous Output Current
IOUT(OUT0-15)
20
mA
Storage Temperature
TSTG
-55
150
C
o
Operating Ambient Temp
TA
-40
85
C
o
Operating Junction Temp
TJ
150
C
o
Thermal Resistance
(Junction to Ambient)
RθJA
110 Typical
C
o/W
Absolute
Maximum
Ratings
are
stress ratings. Stresses in excess of
these ratings can cause permanent
damage to the device. Functional
operation of the device at these or
any other conditions beyond those
indicated in the operational sections
of this data sheet is not implied.
Exposure
of
the
device
to
the
absolute maximum ratings for an
extended period may degrade the
device and affect its reliability.
ESD Warning
ESD (electrostatic discharge) sensitive device. Although the MX8771 features proprietary ESD protection circuitry,
permanent damage may be sustained if subjected to high energy electrostatic discharges. Proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
DC Electrical Characteristics
VCC=5.0V, VPWR=42V, TA=25
oC, unless otherwise specified.
Parameter
Condition
Min
Typ
Max
Unit
Logic Supply Voltage
1.65
5.5
V
Quiescent Logic Supply Current
Inputs = 0 or VCC
1
µA
VPWR Voltage
6
60
V
VPWR Current
Total of all outputs
240
mA
GND Current
Total of all outputs
240
mA
Quiescent VPWR Current
VPWR = 42V, No load
350
uA
High Level Input Voltage
SDA, SCL, OE
0.7VCC
V
Low Level Input Voltage
0.3VCC
V
Input Leakage Current
1
µA
Input hysteresis voltage
0.1VCC
V
Output Low voltage, 3 mA sink
SDA, VCC > 2
0.4
V
VCC < 2
0.2VCC
Out0-15 Current
Any one output, sink or source
15
mA
Out0-15 ON Resistance
VPWR = 42V
45
Ω
Out0-15 Tri-State Leakage
OE = Logic Low
1
µA
Notes:
To avoid unwanted output during VPWR application and system initialization, either reset the
device (RSTN logic low) or maintain OE logic low until the registers are initialized by I2C control.
Thermal Resistance is measured in still air with the device soldered to a 6 square inch board
without a ground plane. Applications may require derating of the specified maximum currents to
avoid exceeding the maximum operation junction temperature.
MX8771
2
3/6/08
Drawing No. 877109
www.claremicronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com