Electronic Components Datasheet Search
  English  ▼

X  

MX8771 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MX8771
Description  16-Channel, 60V Driver Push-Pull Output, I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8771 Datasheet(HTML) 4 Page - IXYS Corporation

  MX8771 Datasheet HTML 1Page - IXYS Corporation MX8771 Datasheet HTML 2Page - IXYS Corporation MX8771 Datasheet HTML 3Page - IXYS Corporation MX8771 Datasheet HTML 4Page - IXYS Corporation MX8771 Datasheet HTML 5Page - IXYS Corporation MX8771 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MX8771
IXYS
The MX8771 responds to two different slave addresses. The first address can be set from 20h to 27h by
connecting pins A2, A1, A0 according to the table below and is used to write and read from the 16-bit
data register. The second address is fixed at 28h and facilitates the simultaneous update of outputs from
multiple bytes and multiple MX8771's. The contents of the data register are transferred to the buffer
register when the i2c master issues a read command to address 28h. The data byte that is read from 28h
is a dummy byte whose value is undefined. Optionally the master can terminate the read command after
issuing the address and the read bit without actually reading a byte.
A2
A1
A0
i2c slave address
0
0
0
20 (hex)
0
0
1
21
0
1
0
22
0
1
1
23
1
0
0
24
1
0
1
25
1
1
0
26
1
1
1
27
RSTN OE
All Outputs
0
0
Hi-Z
1
0
Hi-Z
0
1
GND
1
1
i2c control
For the following timing examples, pin A2 = high, A1 = high, A0 = low
Write two bytes to the MX8771 data register and then update the MX8771 buffer register:
address 26h, W
byte 1
byte 2
address 28h, R
stop here
-or-
stop
dummy read
SDA
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
SCL
OUT
ack (slave)
start
no ack (master)
start
ack (slave)
ack (slave)
stop
ack (slave)
Read two bytes from the MX8771 data register:
address 26h + R
byte 1
byte 2
no ack (master)
SDA
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
SCL
start
ack (slave)
ack (master)
stop
MX8771
4
3/6/08
Drawing No. 877109
www.claremicronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com