Electronic Components Datasheet Search
  English  ▼

X  

MX8771 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX8771
Description  16-Channel, 60V Driver Push-Pull Output, I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8771 Datasheet(HTML) 1 Page - IXYS Corporation

  MX8771 Datasheet HTML 1Page - IXYS Corporation MX8771 Datasheet HTML 2Page - IXYS Corporation MX8771 Datasheet HTML 3Page - IXYS Corporation MX8771 Datasheet HTML 4Page - IXYS Corporation MX8771 Datasheet HTML 5Page - IXYS Corporation MX8771 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IXYS
MX8771
1
3/6/08
Drawing No. 877109
www.claremicronix.com
MX8771
16-Channel, 60V Driver
Push-Pull Output, I2C Interface
Features:
• 16 Push-Pull Outputs Rated at 60V, 15mA
• 6V to 60V Driver Supply Range
• 1.65V to 5.5V Logic Supply Range
• I2C Interface
• Synchronous update across multiple packages
• Outputs can be paralleled
• 28 Lead QFN Package
Applications:
• White Goods
• ATE
• Industrial Equipment
General Description
The MX8771 is a 16 channel high voltage switch
with I2C serial input control. The MX8771 connects
directly to a microprocessor through a standard I2C
interface. The push-pull output configuration can
drive up to 60 volts at 15mA. Outputs can be
paralleled for increased drive current up to a device
total of 240mA sink or source.
The MX8771 is designed to operate over a
temperature range of -40°C to +85°C, and is
available in a QFN-28 Package.
Ordering Information
Part No.
Description
Qty
MX8771R
QFN-28
73
MX8771RTR QFN-28 Tape & Reel
2500
Functional Block Diagram
I2C
16 bit
Data
Register
16-bit
Buffer
Register
Level
Shifter
I2C
VCC
VPWR
A0
A1
A2
SDA
SCL
OE
16
Outputs
RSTN


Similar Part No. - MX8771

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX877 IXYS-MX877 Datasheet
199Kb / 10P
8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
MX877R CLARE-MX877R Datasheet
652Kb / 11P
8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
MX877RTR CLARE-MX877RTR Datasheet
652Kb / 11P
8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
More results

Similar Description - MX8771

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18293 NSC-LM18293 Datasheet
144Kb / 6P
Four Channel Push-Pull Driver
logo
STMicroelectronics
L293C STMICROELECTRONICS-L293C Datasheet
74Kb / 5P
PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL
Apr-1993
logo
Rhombus Industries Inc.
T-1034 RHOMBUS-IND-T-1034 Datasheet
40Kb / 1P
PUSH - PULL SINGLE OUTPUT
3/03/95
logo
IXYS Corporation
MX877 IXYS-MX877 Datasheet
199Kb / 10P
8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
logo
STMicroelectronics
L293D STMICROELECTRONICS-L293D_03 Datasheet
865Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jul-2003
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Microchip Technology
HV53011 MICROCHIP-HV53011 Datasheet
1Mb / 32P
16-Channel 짹135V Push-Pull Driver with RTZ
02/28/20
logo
Amphenol Aerospace Oper...
2MRAM AAO-2MRAM Datasheet
276Kb / 2P
Positive-Locking Push-Pull Interface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com