Electronic Components Datasheet Search
  English  ▼

X  

ICS843SDN Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS843SDN
Description  FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843SDN Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS843SDN Datasheet HTML 1Page - Integrated Device Technology ICS843SDN Datasheet HTML 2Page - Integrated Device Technology ICS843SDN Datasheet HTML 3Page - Integrated Device Technology ICS843SDN Datasheet HTML 4Page - Integrated Device Technology ICS843SDN Datasheet HTML 5Page - Integrated Device Technology ICS843SDN Datasheet HTML 6Page - Integrated Device Technology ICS843SDN Datasheet HTML 7Page - Integrated Device Technology ICS843SDN Datasheet HTML 8Page - Integrated Device Technology ICS843SDN Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
3
ICS843SDNAG REV. A FEBRUARY 19, 2009
Table 3B. LVPECL DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs termination with 50
Ω to V
CC – 2V.
Table 4. Crystal Characteristics
NOTE 1:Input frequency is limited to a range of 23.2MHz – 30MHz due to VCO range.
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Please refer to Phase Noise Plot.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
VCC – 1.4
VCC – 0.9
µA
VOL
Output Low Current; NOTE 1
VCC – 2.0
VCC – 1.7
µA
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency; NOTE 1
23.2
30
MHz
Equivalent Series Resistance (ESR)
40
Ω
Shunt Capacitance
7pF
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
116
150
MHz
tjit(Ø)
RMS Phase Jitter, Random;
NOTE 1
120MHz,
(Integration Range: 12kHz – 20MHz)
0.81
ps
tR / tF
Output Rise/Fall Time
20% to 80%
100
600
ps
odc
Output Duty Cycle
47
53
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com