Electronic Components Datasheet Search
  English  ▼

X  

ICS843SDN Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS843SDN
Description  FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843SDN Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS843SDN Datasheet HTML 2Page - Integrated Device Technology ICS843SDN Datasheet HTML 3Page - Integrated Device Technology ICS843SDN Datasheet HTML 4Page - Integrated Device Technology ICS843SDN Datasheet HTML 5Page - Integrated Device Technology ICS843SDN Datasheet HTML 6Page - Integrated Device Technology ICS843SDN Datasheet HTML 7Page - Integrated Device Technology ICS843SDN Datasheet HTML 8Page - Integrated Device Technology ICS843SDN Datasheet HTML 9Page - Integrated Device Technology ICS843SDN Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
6
ICS843SDNAG REV. A FEBRUARY 19, 2009
Application Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter
performance, power supply isolation is required. The ICS843SDN
provides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. VCC and VCCA should
be individually connected to the power supply plane through vias,
and 0.01µF bypass capacitors should be used for each pin. Figure
1 illustrates this for a generic VCC pin and also shows that VCCA
requires that an additional 10
Ω resistor along with a 10µF bypass
capacitor be connected to the VCCA pin.
Figure 1. Power Supply Filtering
Crystal Input Interface
The ICS843SDN has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 2 below were determined using a 25MHz, 18pF parallel
resonant crystal and were chosen to minimize the ppm error. The
optimum C1 and C2 values can be slightly adjusted for different
board layouts.
Figure 2. Crystal Input Interface
VCC
VCCA
3.3V
10
Ω
10µF
.01µF
.01µF
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
27p
C2
27p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com