Electronic Components Datasheet Search
  English  ▼

X  

ICS843SDN Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS843SDN
Description  FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843SDN Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS843SDN Datasheet HTML 4Page - Integrated Device Technology ICS843SDN Datasheet HTML 5Page - Integrated Device Technology ICS843SDN Datasheet HTML 6Page - Integrated Device Technology ICS843SDN Datasheet HTML 7Page - Integrated Device Technology ICS843SDN Datasheet HTML 8Page - Integrated Device Technology ICS843SDN Datasheet HTML 9Page - Integrated Device Technology ICS843SDN Datasheet HTML 10Page - Integrated Device Technology ICS843SDN Datasheet HTML 11Page - Integrated Device Technology ICS843SDN Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
8
ICS843SDNAG REV. A FEBRUARY 19, 2009
Schematic Example
Figure 5A shows an example of the ICS843SDN application
schematic. In this example, the device is operated at VCC = 3.3V.
The 18pF parallel resonant crystal is used. The C1 = 27pF and C2
= 27pF are recommended for frequency accuracy. For a different
board layout, the C1 and C2 values may be slightly adjusted for
optimizing frequency accuracy. Two examples of LVPECL
terminations are shown in this schematic. Additional approaches
are shown in the LVPECL Termination Application Note.
Figure 5A. ICS843SDN Schematic Example
VCC
R8
50
Zo = 50 Ohm
VCC
R7
50
1 8 p F
R1
10
XTAL_OUT
R3
133
Zo = 50 Ohm
C5
0.01u
R5
82.5
Zo = 50 Ohm
Q
U1
1
2
3
4
8
7
6
5
VCCA
VEE
XTAL_OUT
XTAL_IN
VCC
Q
nQ
nc
XTAL_IN
X1
25MHz
nQ
+
-
R4
82.5
R6
50
C2
27pF
3.3V
C4
10uF
VCC=3.3V
Optional
Y-Termination
Zo = 50 Ohm
+
-
VCC
VCCA
C1
27pF
R2
133
C3
0.01u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com