Electronic Components Datasheet Search
  English  ▼

X  

TLE7263E Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7263E Datasheet HTML 1Page - Infineon Technologies AG TLE7263E Datasheet HTML 2Page - Infineon Technologies AG TLE7263E Datasheet HTML 3Page - Infineon Technologies AG TLE7263E Datasheet HTML 4Page - Infineon Technologies AG TLE7263E Datasheet HTML 5Page - Infineon Technologies AG TLE7263E Datasheet HTML 6Page - Infineon Technologies AG TLE7263E Datasheet HTML 7Page - Infineon Technologies AG TLE7263E Datasheet HTML 8Page - Infineon Technologies AG TLE7263E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
TLE 7263E
Overview
Data Sheet
3
Rev. 1.51, 2007-06-22
Dual-Voltage Regulator
•
Low-dropout voltage regulator, dual voltage-supply
•
V1, 150 mA, 5 V
±2% for external devices, e.g. microcontrollers
•
V2, 150 mA, 5 V
±2% for internal CAN module and external devices.
Description
The TLE 7263E is a monolithic integrated circuit in an enhanced power package. The IC
is designed for CAN-LIN gateway applications.
To support these applications the TLE 7263E covers smart power functions such as HS-
CAN transceiver and LIN transceiver for data transmission, dual low dropout voltage
regulator (LDO) for external 5 V supply, and high-side switch as well as a 16-bit SPI
(serial peripheral interface) to control and monitor the IC. There is also a window
watchdog circuit with a reset feature, a fail-safe output, a voltage sensing input and a
undervoltage reset feature implemented.
The device offer low power modes in order to support modules directly connected to the
battery (KL. 30). A wake-up from the low power mode is possible via a message on the
bus or via the bi level sensitive monitoring/wake-up inputs. The integrated High-Side
switch can also be used to periodically supply an external wake-up circuitry in the low
power mode, by choosing a special function. The integrated bus transceivers offer a
receive-only mode for software diagnosis functions.
The IC is designed to withstand the severe conditions of automotive applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com