Electronic Components Datasheet Search
  English  ▼

X  

TLE7263E Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 2Page - Infineon Technologies AG TLE7263E Datasheet HTML 3Page - Infineon Technologies AG TLE7263E Datasheet HTML 4Page - Infineon Technologies AG TLE7263E Datasheet HTML 5Page - Infineon Technologies AG TLE7263E Datasheet HTML 6Page - Infineon Technologies AG TLE7263E Datasheet HTML 7Page - Infineon Technologies AG TLE7263E Datasheet HTML 8Page - Infineon Technologies AG TLE7263E Datasheet HTML 9Page - Infineon Technologies AG TLE7263E Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
Data Sheet
6
Rev. 1.51, 2007-06-22
TLE 7263E
Pin Configuration
4LIN
LIN Bus; Bus Line for the LIN interface, according to
ISO 9141 and LIN specification 1.3 and 2.0
29
DISPI
SPI Data Input; receives serial data from the control device;
serial data transmitted to DI is a 16-bit control word with the
Least Significant Bit (LSB) transferred first: the input has a
pull-down and requires CMOS logic level inputs; DI will
accept data on the falling edge of CLK-signal
28
DOSPI
SPI Data Output; this tri-state output transfers diagnosis
data to the control device; the output will remain 3-stated
unless the device is selected by a low on Chip-Select-Not
(CSN)
30
CLKSPI
SPI Clock Input; clock input for shift register; CLK has an
internal pull-down and requires CMOS logic level inputs
31
CSNSPI SPI Chip Select Not Input; CSN is an active low input; serial
communication is enabled by pulling the CSN terminal low;
CSN input should only be transitioned when CLK is low; CSN
has an internal pull-up and requires CMOS logic level inputs
7
OUTHS High Side Switch Output; controlled via SPI, in SBC Sleep
Mode controlled by internal cyclic sense function when
selected
24
TxDCAN CAN Transmit Data Input; integrated pull-up
25
RxDCAN CAN Receive Data Output
21
SPLIT
CAN Termination Output; to support the recessive voltage
level of the bus lines
20
CANH
CAN High Line Output
22
CANL
CAN Low Line Input
27
STS
Send-to-Sleep; to switch the SBC back into low current
mode during cyclic wake
1, 2,
6,14,
18,19,
23,36
GND
Ground
3NC
Not Connected Internally; leave open or connect to GND
EP
EP
Exposed Pad; internally connected to GND; connect to
GND on board
Table 1
Pin Definitions and Functions (cont’d)
Pin
Symbol Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com