Electronic Components Datasheet Search
  English  ▼

X  

AT90USB1286 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT90USB1286
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1286 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT90USB1286 Datasheet HTML 14Page - ATMEL Corporation AT90USB1286 Datasheet HTML 15Page - ATMEL Corporation AT90USB1286 Datasheet HTML 16Page - ATMEL Corporation AT90USB1286 Datasheet HTML 17Page - ATMEL Corporation AT90USB1286 Datasheet HTML 18Page - ATMEL Corporation AT90USB1286 Datasheet HTML 19Page - ATMEL Corporation AT90USB1286 Datasheet HTML 20Page - ATMEL Corporation AT90USB1286 Datasheet HTML 21Page - ATMEL Corporation AT90USB1286 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18
7593KS–AVR–11/09
AT90USB64/128
6.2
AT90USB647
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also
Halide free and fully Green.
3. See “Maximum speed vs. VCC” on page 400.
Speed(MHz)
Power Supply(V)
Ordering Code(2)
USB Interface
Package(1)
Operating Range
20(3)
2.7-5.5
AT90USB647-AU
AT90USB647-MU
USB OTG
MD
PS
Industrial
(-40° to +85°C)
MD
64 - Lead, 14x14 mm Body Size, 1.0mm Body Thickness
0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
PS
64 - Lead, 9x9 mm Body Size, 0.50mm Pitch
Quad Flat No Lead Package (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com