Electronic Components Datasheet Search
  English  ▼

X  

AT90USB1286 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90USB1286
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1286 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90USB1286 Datasheet HTML 1Page - ATMEL Corporation AT90USB1286 Datasheet HTML 2Page - ATMEL Corporation AT90USB1286 Datasheet HTML 3Page - ATMEL Corporation AT90USB1286 Datasheet HTML 4Page - ATMEL Corporation AT90USB1286 Datasheet HTML 5Page - ATMEL Corporation AT90USB1286 Datasheet HTML 6Page - ATMEL Corporation AT90USB1286 Datasheet HTML 7Page - ATMEL Corporation AT90USB1286 Datasheet HTML 8Page - ATMEL Corporation AT90USB1286 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
7593KS–AVR–11/09
AT90USB64/128
– Real Time Counter with Separate Oscillator
– Four 8-bit PWM Channels
– Six PWM Channels with Programmable Resolution from 2 to 16 Bits
– Output Compare Modulator
– 8-channels, 10-bit ADC
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Byte Oriented 2-wire Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby
• I/O and Packages
– 48 Programmable I/O Lines
– 64-lead TQFP and 64-lead QFN
• Operating Voltages
– 2.7 - 5.5V
• Operating temperature
– Industrial (-40°C to +85°C)
• Maximum Frequency
– 8 MHz at 2.7V - Industrial range
– 16 MHz at 4.5V - Industrial range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com