Electronic Components Datasheet Search
  English  ▼

X  

AT90USB1286 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT90USB1286
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1286 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT90USB1286 Datasheet HTML 24Page - ATMEL Corporation AT90USB1286 Datasheet HTML 25Page - ATMEL Corporation AT90USB1286 Datasheet HTML 26Page - ATMEL Corporation AT90USB1286 Datasheet HTML 27Page - ATMEL Corporation AT90USB1286 Datasheet HTML 28Page - ATMEL Corporation AT90USB1286 Datasheet HTML 29Page - ATMEL Corporation AT90USB1286 Datasheet HTML 30Page - ATMEL Corporation AT90USB1286 Datasheet HTML 31Page - ATMEL Corporation AT90USB1286 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
28
7593KS–AVR–11/09
AT90USB64/128
8.3
AT90USB1287/6 Second Release
• Incorrect CPU behavior for VBUSTI and IDTI interrupts routines
• USB Eye Diagram violation in low-speed mode
• Transient perturbation in USB suspend mode generates over consumption
• VBUS Session valid threshold voltage
• Spike on TWI pins when TWI is enabled
• High current consumption in sleep mode
• Async timer interrupt wake up from sleep generate multiple interrupts
7.
Incorrect CPU behavior for VBUSTI and IDTI interrupts routines
The CPU core may incorrectly execute the interrupt vector related to the VBUSTI and IDTI
interrupt flags.
Problem fix/workaround
Do not enable these interrupts, firmware must process these USB events by polling VBUSTI
and IDTI flags.
6.
USB Eye Diagram violation in low-speed mode
The low to high transition of D- violates the USB eye diagram specification when transmitting
with low-speed signaling.
Problem fix/workaround
None.
5.
Transient perturbation in USB suspend mode generates overconsumption
In device mode and when the USB is suspended, transient perturbation received on the
USB lines generates a wake up state. However the idle state following the perturbation does
not set the SUSPI bit anymore. The internal USB engine remains in suspend mode but the
USB differential receiver is still enabled and generates a typical 300µA extra-power con-
sumption. Detection of the suspend state after the transient perturbation should be
performed by software (instead of reading the SUSPI bit).
Problem fix/workaround
USB waiver allows bus powered devices to consume up to 2.5mA in suspend state.
4.
VBUS Session valid threshold voltage
The VSession valid threshold voltage is internally connected to VBus_Valid (4.4V approx.).
That causes the device to attach to the bus only when Vbus is greater than VBusValid
instead of V_Session Valid. Thus if VBUS is lower than 4.4V, the device is detached.
Problem fix/workaround
According to the USB power drop budget, this may require connecting the device toa root
hub or a self-powered hub.
3.
Spike on TWI pins when TWI is enabled
100 ns negative spike occurs on SDA and SCL pins when TWI is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com