Electronic Components Datasheet Search
  English  ▼

X  

520MR2C Datasheet(PDF) 4 Page - HB Electronic Components

Part # 520MR2C
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

520MR2C Datasheet(HTML) 4 Page - HB Electronic Components

  520MR2C Datasheet HTML 1Page - HB Electronic Components 520MR2C Datasheet HTML 2Page - HB Electronic Components 520MR2C Datasheet HTML 3Page - HB Electronic Components 520MR2C Datasheet HTML 4Page - HB Electronic Components 520MR2C Datasheet HTML 5Page - HB Electronic Components 520MR2C Datasheet HTML 6Page - HB Electronic Components 520MR2C Datasheet HTML 7Page - HB Electronic Components 520MR2C Datasheet HTML 8Page - HB Electronic Components 520MR2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LED SPECIFICATION
Page: 4
Typical electrical/optical characteristic curves
2.0
40
Ambient Temperature TA ( )
020
20
0
10
30
40
80
60
100
Forward Voltage(V)
1.7
1.9
50
0
10
20
30
50
40
30
2.3
2.1
2.5
10
20
0
IF-Forward Current (mA)
0.5
0
1.0
1.5
40
50
2.5
1.5
Ambient Temperature TA ( )
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
LUMINOUS INTENSITY Vs.
FORWARD CURRENT
LUMINOUS INTENSITY Vs.
AMBIENT TEMPERATURE
FORWARD CURRENT Vs.
AMBIENT TEMPERATURE
FORWARD CURRENT Vs.
FORWARD VOLTAGE
750
450
500
600
550
650
700
75
25
50
0
Wavelength
¬(nm)
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com