Electronic Components Datasheet Search
  English  ▼

X  

520MR2C Datasheet(PDF) 5 Page - HB Electronic Components

Part # 520MR2C
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

520MR2C Datasheet(HTML) 5 Page - HB Electronic Components

  520MR2C Datasheet HTML 1Page - HB Electronic Components 520MR2C Datasheet HTML 2Page - HB Electronic Components 520MR2C Datasheet HTML 3Page - HB Electronic Components 520MR2C Datasheet HTML 4Page - HB Electronic Components 520MR2C Datasheet HTML 5Page - HB Electronic Components 520MR2C Datasheet HTML 6Page - HB Electronic Components 520MR2C Datasheet HTML 7Page - HB Electronic Components 520MR2C Datasheet HTML 8Page - HB Electronic Components 520MR2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LED
LAMP APPLICATION
ySOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260±5
Immersion time: with 5 sec
y Solder no closer than 3mm from the
base of the package
y Using soldering flux,” RESIN FLUX”
is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
y During soldering, take care not to
press the tip of iron against the
lead.
(To prevent heat from being
transferred directly to the lead, hold
the lead with a pair of tweezers
while soldering
1) When soldering the lead of LED in a condition that the package is fixed with a panel (See Fig.1),
be careful not to stress the leads with iron tip.
2) When soldering wire to the lead, work with a Fig (See Fig.2) to avoid stressing the package.
Page : 5
3DQHO
)LJ
/HDG ZULHV
/HDYHDVOLJKW
FOHDUDQFH
/HDGZULHV
)LJ 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com