Electronic Components Datasheet Search
  English  ▼

X  

520MR2C Datasheet(PDF) 1 Page - HB Electronic Components

Part # 520MR2C
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

520MR2C Datasheet(HTML) 1 Page - HB Electronic Components

  520MR2C Datasheet HTML 1Page - HB Electronic Components 520MR2C Datasheet HTML 2Page - HB Electronic Components 520MR2C Datasheet HTML 3Page - HB Electronic Components 520MR2C Datasheet HTML 4Page - HB Electronic Components 520MR2C Datasheet HTML 5Page - HB Electronic Components 520MR2C Datasheet HTML 6Page - HB Electronic Components 520MR2C Datasheet HTML 7Page - HB Electronic Components 520MR2C Datasheet HTML 8Page - HB Electronic Components 520MR2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LED SPECIFICATION
Page: 1
¾ Features
z Single color
z High bright output
z Low power consumption
z High reliability and long life
¾ Descriptions
z Dice material AlGaInP Hewlett Packard
z Emitting Color
Super Bright RED
z Device Outline
¶5mm Round Type/ 5mm
z Lens Type
Water Clear
1.
All dimensions are millimeters
2.
Tolerance is +/-0.25mm unless otherwise noted
520MR2C
1.
All dimensions are millimeters
2.
Tolerance is +/-0.25mm unless otherwise noted
Ta=25° C
IF=20mA
0
90°
0.5
1.0
60°
1.0
Radiation Angle
30°
60°
0°
0.5
DIRECTIVITY
0°
30°
90°
¾ Directivity


Similar Part No. - 520MR2C

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
520M SEALEVEL-520M Datasheet
647Kb / 2P
RS-485 Modbus RTU Interface to 8 Isolated Inputs / 8 High-Current Form C Relay Outputs
logo
CTS Corporation
520M05HA16M3690 CTS-520M05HA16M3690 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
520M10CA26M0000 CTS-520M10CA26M0000 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
520M15DA13M0000 CTS-520M15DA13M0000 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
520M15DA16M3677 CTS-520M15DA16M3677 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
More results

Similar Description - 520MR2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com