Electronic Components Datasheet Search
  English  ▼

X  

ATmega168PA Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATmega168PA
Description  8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168PA Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATmega168PA Datasheet HTML 16Page - ATMEL Corporation ATmega168PA Datasheet HTML 17Page - ATMEL Corporation ATmega168PA Datasheet HTML 18Page - ATMEL Corporation ATmega168PA Datasheet HTML 19Page - ATMEL Corporation ATmega168PA Datasheet HTML 20Page - ATMEL Corporation ATmega168PA Datasheet HTML 21Page - ATMEL Corporation ATmega168PA Datasheet HTML 22Page - ATMEL Corporation ATmega168PA Datasheet HTML 23Page - ATMEL Corporation ATmega168PA Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
8161DS–AVR–10/09
ATmega48PA/88PA/168PA/328P
8.2
28M1
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
packagedrawings@atmel.com
28M1
ZBV
B
28M1, 28-pad,4 x 4 x 1.0 mm Body, Lead Pitch 0.45 mm,
2.4 x 2.4 mm Exposed Pad, Thermally Enhanced
Plastic Very Thin Quad Flat No Lead Package (VQFN)
10/24/08
SIDE VIEW
Pin 1 ID
BOTTOM VIEW
TOP VIEW
Note:
The terminal #1 ID is a Laser-marked Feature.
D
E
e
K
A1
C
A
D2
E2
y
L
1
2
3
b
1
2
3
0.45
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.17
0.22
0.27
C
0.20 REF
D
3.95
4.00
4.05
D2
2.35
2.40
2.45
E
3.95
4.00
4.05
E2
2.35
2.40
2.45
e
0.45
L
0.35
0.40
0.45
y
0.00
–
0.08
K
0.20
–
–
R 0.20
0.4 Ref
(4x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com