Electronic Components Datasheet Search
  English  ▼

X  

ATmega168PA Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATmega168PA
Description  8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168PA Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATmega168PA Datasheet HTML 18Page - ATMEL Corporation ATmega168PA Datasheet HTML 19Page - ATMEL Corporation ATmega168PA Datasheet HTML 20Page - ATMEL Corporation ATmega168PA Datasheet HTML 21Page - ATMEL Corporation ATmega168PA Datasheet HTML 22Page - ATMEL Corporation ATmega168PA Datasheet HTML 23Page - ATMEL Corporation ATmega168PA Datasheet HTML 24Page - ATMEL Corporation ATmega168PA Datasheet HTML 25Page - ATMEL Corporation ATmega168PA Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
8161DS–AVR–10/09
ATmega48PA/88PA/168PA/328P
9.
Errata
9.1
Errata ATmega48PA
The revision letter in this section refers to the revision of the ATmega48PA device.
9.1.1
Rev. D
No known errata.
9.2
Errata ATmega88PA
The revision letter in this section refers to the revision of the ATmega88PA device.
9.2.1
Rev. F
No known errata.
9.3
Errata ATmega168PA
The revision letter in this section refers to the revision of the ATmega168PA device.
9.3.1
Rev E
No known errata.
9.4
Errata ATmega328P
The revision letter in this section refers to the revision of the ATmega328P device.
9.4.1
Rev D
No known errata.
9.4.2
Rev C
Not sampled.
9.4.3
Rev B
• Unstable 32 kHz Oscillator
1.
Unstable 32 kHz Oscillator
The 32 kHz oscillator does not work as system clock.
The 32 kHz oscillator used as asynchronous timer is inaccurate.
Problem Fix/ Workaround
None
9.4.4
Rev A
• Unstable 32 kHz Oscillator
1.
Unstable 32 kHz Oscillator
The 32 kHz oscillator does not work as system clock.
The 32 kHz oscillator used as asynchronous timer is inaccurate.
Problem Fix/ Workaround
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com