Electronic Components Datasheet Search
  English  ▼

X  

ATmega168PA Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATmega168PA
Description  8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168PA Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATmega168PA Datasheet HTML 18Page - ATMEL Corporation ATmega168PA Datasheet HTML 19Page - ATMEL Corporation ATmega168PA Datasheet HTML 20Page - ATMEL Corporation ATmega168PA Datasheet HTML 21Page - ATMEL Corporation ATmega168PA Datasheet HTML 22Page - ATMEL Corporation ATmega168PA Datasheet HTML 23Page - ATMEL Corporation ATmega168PA Datasheet HTML 24Page - ATMEL Corporation ATmega168PA Datasheet HTML 25Page - ATMEL Corporation ATmega168PA Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25
8161DS–AVR–10/09
ATmega48PA/88PA/168PA/328P
10.4
Rev. 8161A – 11/08
7.
Updated ”External Interrupts” on page 70.
8.
Inserted Typical characteristics for ”ATmega48PA Typical Characteristics” on page 327.
9.
Updated figure names in Typical characteristics for ”ATmega88PA Typical Character-
istics” on page 351.
10.
Inserted ”ATmega48PA DC Characteristics” on page 314.
11.
Updated Table 28-1 on page 317 by removing the footnote from Vcc/User calibration
12.
Updated Table 28-7 on page 323 by removing Max value (2.5 LSB) from Absolute
accuracy, V
REF = 4V, VCC = 4V, ADC clock = 200 kHz.
13.
Inserted Ordering Information for ”ATmega48PA” on page 430.
1.
Initial revision (Based on the ATmega48P/88P/168P/328P datasheet 8025F-AVR-08/08).
2.
Changes done compared to ATmega48P/88P/168P/328P datasheet 8025F-AVR-08/08:
– Updated ”DC Characteristics” on page 313 with new typical values for I
CC.
– Updated ”Speed Grades” on page 316.
– New graphics in ”Typical Characteristics” on page 326.
–New ”Ordering Information” on page 430.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com