Electronic Components Datasheet Search
  English  ▼

X  

MIC3230 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3230
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3230 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3230 Datasheet HTML 1Page - Micrel Semiconductor MIC3230 Datasheet HTML 2Page - Micrel Semiconductor MIC3230 Datasheet HTML 3Page - Micrel Semiconductor MIC3230 Datasheet HTML 4Page - Micrel Semiconductor MIC3230 Datasheet HTML 5Page - Micrel Semiconductor MIC3230 Datasheet HTML 6Page - Micrel Semiconductor MIC3230 Datasheet HTML 7Page - Micrel Semiconductor MIC3230 Datasheet HTML 8Page - Micrel Semiconductor MIC3230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel, Inc.
MIC3230/1/2
January 2009
4
M9999-011409-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).....................................................+48V
Enable Pin Voltage........................................... -0.3V to +6V
IADJ Voltage ..................................................................+6V
Lead Temperature (soldering, #sec.)......................... 260°C
Storage Temperature (Ts)..........................-65°C to +150°C
ESD Rating
(3)..................... MIC3230= 1500V HB, 100VMM
.........................................MIC3232= 2kV HB, 100VMM
.................................... MIC3231= 1500V HB, 150VMM
Operating Ratings
(2)
Supply Voltage (VIN)......................................... +6V to +45V
Junction Temperature (TJ)........................ –40°C to +125°C
Junction Thermal Resistance
MSOP-10 (
θJA)..............................................130.5°C/W
EPAD TSSOP-16 (
θJA) ...................................36.5°C/W
3mmx3mm MLF
®-12L (θJA).............................60.7°C/W
Electrical Characteristics
(4)
VIN = 12V; VEN = 3.6V; L = 47µH; C = 4.7µF; TJ = 25°C, Bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
6
45
V
UVLO
Under Voltage Lockout
3.5
4.9
5.5
V
IVIN
Quiescent Current
VFB > 275mV (to ensure device is not
switching)
3.2
10
mA
ISD
Shutdown Current
VEN = 0V
30
µA
Room temperature (3%)
242.5
250
257.5
mV
VIADJ
Feedback Voltage (at IADJ)
–40°C≤ TJ ≤ +125°C (5%)
237.5
250
262.5
mV
IADJ
Feedback Input Current
VFB = 250mV
1.2
3
µA
Line Regulation
VIN = 12V to 24V
2
%
Load Regulation
VOUT to 2 × VOUT
2
%
DMAX
Maximum Duty Cycle
MIC3230 & MIC3232
MIC3231
90
88
%
%
VEN
Enable Threshold
Turn ON
Turn OFF
1.5
1.15
1.1
0.4
V
V
IEN
Enable Pin Current
VEN = 3.3V
REN = 100kΩ
17
30
µA
VPWM
PWMD Threshold
Turn ON
Turn OFF
1.5
0.75
0.7
0.4
V
V
fPWMD
PWMD Frequency Range
Note 5 (L = 47µH; C = 4.7µF)
0
500
Hz
fSW
Programmable Oscillator
Frequency
RFREQ = 82.5kΩ
RFREQ = 21kΩ
RFREQ = 8.25kΩ
360
109
400
950
440
kHz
kHz
kHz
fSW
Fixed Frequency Option
(MIC3232YMM)
360
400
440
kHz
FDITHER
Low EMI (MIC3231)
Frequency dither shift from nominal
±12
%
VSENS
Current Limit Threshold
Voltage
RSENSE = 390Ω
0.315
0.45
0.585
V
ISENSE
ISENSE peak current out
RSENSE = 390Ω
250
µA
VOVP
Over Voltage Protection
1.203
1.24
1.277
V
Driver Impedance
SINK
SOURCE
2.4
2
3.5
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com