Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642D Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 10Page - ATMEL Corporation AT45DB642D Datasheet HTML 11Page - ATMEL Corporation AT45DB642D Datasheet HTML 12Page - ATMEL Corporation AT45DB642D Datasheet HTML 13Page - ATMEL Corporation AT45DB642D Datasheet HTML 14Page - ATMEL Corporation AT45DB642D Datasheet HTML 15Page - ATMEL Corporation AT45DB642D Datasheet HTML 16Page - ATMEL Corporation AT45DB642D Datasheet HTML 17Page - ATMEL Corporation AT45DB642D Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
14
3542K–DFLASH–04/09
AT45DB642D
8.1.3
Various Aspects About Software Controlled Protection
Software controlled protection is useful in applications in which the WP pin is not or cannot be
controlled by a host processor. In such instances, the WP pin may be left floating (the WP pin is
internally pulled high) and sector protection can be controlled using the Enable Sector Protection
and Disable Sector Protection commands.
If the device is power cycled, then the software controlled protection will be disabled. Once the
device is powered up, the Enable Sector Protection command should be reissued if sector pro-
tection is desired and if the WP pin is not used.
9. Hardware Controlled Protection
Sectors specified for protection in the Sector Protection Register can be protected from program
and erase operations by asserting the WP pin and keeping the pin in its asserted state. Any sec-
tor specified for protection cannot be erased or reprogrammed as long as the WP pin is
asserted.
The WP pin will override the software controlled protection method but only for protecting the
sectors. For example, if the sectors were not previously protected by the Enable Sector Protec-
tion command, then simply asserting the WP pin would enable the sector protection within the
maximum specified tWPE time. When the WP pin is deasserted; however, the sector protection
would no longer be enabled (after the maximum specified tWPD time) as long as the Enable Sec-
tor Protection command was not issued while the WP pin was asserted. If the Enable Sector
Protection command was issued before or while the WP pin was asserted, then simply deassert-
ing the WP pin would not disable the sector protection. In this case, the Disable Sector
Protection command would need to be issued while the WP pin is deasserted to disable the sec-
tor protection. The Disable Sector Protection command is also ignored whenever the WP pin is
asserted.
A noise filter is incorporated to help protect against spurious noise that may inadvertently assert
or deassert the WP pin.
The table below details the sector protection status for various scenarios of the WP pin, the
Enable Sector Protection command, and the Disable Sector Protection command.
Figure 9-1.
WP Pin and Protection Status
WP
12
3
Table 9-1.
WP Pin and Protection Status
Time
Period
WP Pin
Enable Sector Protection Command
Disable Sector Protection
Command
Sector Protection
Status
1High
Command Not Issued Previously
–
Issue Command
X
Issue Command
–
Disabled
Disabled
Enabled
2
Low
X
X
Enabled
3High
Command Issued During Period 1 or 2
–
Issue Command
Not Issued Yet
Issue Command
–
Enabled
Disabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com