Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642D Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 15Page - ATMEL Corporation AT45DB642D Datasheet HTML 16Page - ATMEL Corporation AT45DB642D Datasheet HTML 17Page - ATMEL Corporation AT45DB642D Datasheet HTML 18Page - ATMEL Corporation AT45DB642D Datasheet HTML 19Page - ATMEL Corporation AT45DB642D Datasheet HTML 20Page - ATMEL Corporation AT45DB642D Datasheet HTML 21Page - ATMEL Corporation AT45DB642D Datasheet HTML 22Page - ATMEL Corporation AT45DB642D Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
19
3542K–DFLASH–04/09
AT45DB642D
10.1.1
Sector Lockdown Register
Sector Lockdown Register is a nonvolatile register that contains 32 bytes of data, as shown
below:
10.1.2
Reading the Sector Lockdown Register
The Sector Lockdown Register can be read to determine which sectors in the memory array are
permanently locked down. To read the Sector Lockdown Register, the CS pin must first be
asserted. Once the CS pin has been asserted, an opcode of 35H and a series of dummy bytes
(3 dummy bytes if using the serial interface or 7 dummy bytes if using the 8-bit interface) must
be clocked into the device via the SI or I/O7-O0 pins. After the last bit of the opcode and dummy
bytes have been clocked in, the data for the contents of the Sector Lockdown Register will be
clocked out on the SO pin or the I/O7-O0 pins. The first byte corresponds to sector 0 (0a, 0b) the
second byte corresponds to sector 1 and the las byte (byte 32) corresponds to sector 31. After
the last byte of the Sector Lockdown Register has been read, additional pulses on the SCK pin
will simply result in undefined data being output on the SO pin.
Deasserting the CS pin will terminate the Read Sector Lockdown Register operation and put the
SO pin or I/O7-O0 pins into a high-impedance state.
Table 10-2 details the values read from the Sector Lockdown Register.
Figure 10-2. Read Sector Lockdown Register
Sector Number
0 (0a, 0b)
1 to 31
Locked
See Below
FFH
Unlocked
00H
Table 10-1.
Sector 0 (0a, 0b)
0a
0b
Bit 3, 2
Data
Value
(Page 0-7)
(Page 8-255)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b Unlocked
00
00
00
00
00H
Sector 0a Locked
11
00
00
00
C0H
Sector 0b Locked (Page 8-255)
00
11
00
00
30H
Sectors 0a, 0b Locked (Page 0-255)
11
11
00
00
F0H
Table 10-2.
Sector Lockdown Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Lockdown Register
35H
xxH
xxH
xxH
Note:
xx = Dummy Byte
Serial Interface = 3 Dummy Bytes
8-bit Interface = 7 Dummy Bytes
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + 31
SI or IO
7 - IO0
SO or IO
7 - IO0
Each transition
represents 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com