Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642D Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 34Page - ATMEL Corporation AT45DB642D Datasheet HTML 35Page - ATMEL Corporation AT45DB642D Datasheet HTML 36Page - ATMEL Corporation AT45DB642D Datasheet HTML 37Page - ATMEL Corporation AT45DB642D Datasheet HTML 38Page - ATMEL Corporation AT45DB642D Datasheet HTML 39Page - ATMEL Corporation AT45DB642D Datasheet HTML 40Page - ATMEL Corporation AT45DB642D Datasheet HTML 41Page - ATMEL Corporation AT45DB642D Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
38
3542K–DFLASH–04/09
AT45DB642D
21.3 Waveform 3 – RapidS Mode 0 (FMAX = 66 MHz)
21.4 Waveform 4 – RapidS Mode 3 (FMAX = 66 MHz)
21.5 Waveform 5 – Rapid8 Mode 0 (FMAX = 50 MHz)
21.6 Waveform 6 – Rapid8 Mode 3 (FMAX = 50 MHz)
CS
SCK/CLK
SI
SO
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
CS
SCK/CLK
SO
tCSS
VALID IN
tH
tSU
tWL
tWH
tCSH
tCS
tV
HIGH Z
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
SI
CS
SCK/CLK
I/O7 - I/O0
(INPUT)
I/O7 - I/O0
(OUTPUT)
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
CS
SCK/CLK
I/O7 - I/O0
(OUTPUT)
tCSS
VALID IN
tH
tSU
tWL
tWH
tCSH
tCS
tV
HIGH Z
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
I/O7 - I/O0
(INPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com