Electronic Components Datasheet Search
  English  ▼

X  

US8032DVG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # US8032DVG
Description  LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

US8032DVG Datasheet(HTML) 1 Page - Integrated Device Technology

  US8032DVG Datasheet HTML 1Page - Integrated Device Technology US8032DVG Datasheet HTML 2Page - Integrated Device Technology US8032DVG Datasheet HTML 3Page - Integrated Device Technology US8032DVG Datasheet HTML 4Page - Integrated Device Technology US8032DVG Datasheet HTML 5Page - Integrated Device Technology US8032DVG Datasheet HTML 6Page - Integrated Device Technology US8032DVG Datasheet HTML 7Page - Integrated Device Technology US8032DVG Datasheet HTML 8Page - Integrated Device Technology US8032DVG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8032
IDT™ LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
1
IDTUS8032
REV F 080907
Description
The IDTUS8032 is a low power, dual SPST 2-port hi-speed
USB 2.0 switch. This part is configured as a single pole,
single throw switch and is optimized for switching or
isolating a hi-speed (480 Mbps) source or a hi-speed and
full-speed (12 Mbps) source. The IDTUS8032 is compatible
with the requirements of USB2.0 and features an extremely
low ON capacitance (CON) of 6.0 pF. The wide bandwidth of
this device (>500 MHz) exceeds the bandwidth needed to
pass the 3rd harmonic, resulting in signals with minimum
edge and phase distortion. Superior channel-to-channel
crosstalk also minimizes interference.
The IDTUS8032 contains circuitry on the D+/D- pins which
allows the device to withstand an overvoltage condition.
This device is also designed to minimize current
consumption even when the control voltage applied to the
OE pin is lower than the supply voltage (VCC). This feature
is especially valuable to portable applications such as cell
phones, allowing for direct interface with the general
purpose I/Os of the baseband processor.
Applications
• Notebooks, PDAs
• Cellular phones, Digital cameras
• LCD monitors, TVs, Set-top Boxes
Features
• Low On capacitance, 4.5 pF (typical)
• Low On resistance, 3.5Ω (typical)
• Low power consumption (3 mA maximum)
– 1 mA typical ICCT over and expanded control voltage
range (VIN=2.6 V, VCC=3.6 V)
• Wide -3dB bandwidth, > 500 MHz
• 8K I/O to GND ESD protection
• Power OFF protection when V
CC= 0V, D+/D- pins can
tolerate up to 3.6 V
• Packaged in RoHS compliant 8-pin SOIC or 8-pin MSOP
Application Block Diagram
Base Band
Processor or FS
USB Controller
HS USB
Controller
USB
Connector
IDTUS8032
V
CC
D+
D-
OE-
OE+


Similar Part No. - US8032DVG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
US8030NDGI IDT-US8030NDGI Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030NDGI RENESAS-US8030NDGI Datasheet
263Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
US8030NDGI8 IDT-US8030NDGI8 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030NDGI8 RENESAS-US8030NDGI8 Datasheet
263Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results

Similar Description - US8032DVG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com