Electronic Components Datasheet Search
  English  ▼

X  

US8032DVG Datasheet(PDF) 13 Page - Integrated Device Technology

Part # US8032DVG
Description  LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

US8032DVG Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button US8032DVG Datasheet HTML 8Page - Integrated Device Technology US8032DVG Datasheet HTML 9Page - Integrated Device Technology US8032DVG Datasheet HTML 10Page - Integrated Device Technology US8032DVG Datasheet HTML 11Page - Integrated Device Technology US8032DVG Datasheet HTML 12Page - Integrated Device Technology US8032DVG Datasheet HTML 13Page - Integrated Device Technology US8032DVG Datasheet HTML 14Page - Integrated Device Technology US8032DVG Datasheet HTML 15Page - Integrated Device Technology US8032DVG Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IDTUS8032
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
USB SWITCH
IDT™ LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
13
IDTUS8032
REV F 080907
Thermal Characteristics for 8MSOP
Thermal Characteristics for 8SOIC
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
95
° C/W
Thermal Resistance Junction to Case
θJC
48
° C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W
Thermal Resistance Junction to Top
of Case
ΨJT
Still air
20
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com