Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 162 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 158Page - ATMEL Corporation AT89LP6440 Datasheet HTML 159Page - ATMEL Corporation AT89LP6440 Datasheet HTML 160Page - ATMEL Corporation AT89LP6440 Datasheet HTML 161Page - ATMEL Corporation AT89LP6440 Datasheet HTML 162Page - ATMEL Corporation AT89LP6440 Datasheet HTML 163Page - ATMEL Corporation AT89LP6440 Datasheet HTML 164Page - ATMEL Corporation AT89LP6440 Datasheet HTML 165Page - ATMEL Corporation AT89LP6440 Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 194 page
background image
162
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Notes:1. Program Enable must be the first command issued after entering into programming mode.
2. Parallel Enable switches the interface from serial to parallel format until RST returns high.
3. Any number of Data bytes from 1 to 64 may be written/read. The internal address is incremented between each byte.
4. Each byte address selects one fuse or lock bit. Data bytes must be 00h or FFh.
5. See Table 25-5 on page 164 for Fuse definitions.
6. See Table 25-4 on page 163 for Lock Bit definitions.
7. Atmel Signature Bytes:
8. Symbol Key:
Table 25-2.
Programming Command Summary
Command
Opcode
Addr High
Addr Low
Data 0
Data n
Program Enable(1)
1010 1100
0101 0011
–
–
–
Parallel Enable
(2)
1010 1100
0011 0101
–
–
–
Chip Erase
1000 1010
––––
Read Status
0110 0000
xxxx xxxx
xxxx xxxx
Status Out
Load Page Buffer
(3)
0101 0001
xxxx xxxx
00bb bbbb
Data In 0 ... Data In n
Write Code Page(3)
0101 0000
aaaa aaaa
asbb bbbb
Data In 0 ... Data In n
Write Code Page with Auto-Erase(3)
0111 0000
aaaa aaaa
asbb bbbb
Data In 0 ... Data In n
Read Code Page
(3)
0011 0000
aaaa aaaa
asbb bbbb
Data Out 0 ... Data Out n
Write Data Page(3)
1101 0000
000a aaaa
asbb bbbb
Data In 0 ... Data In n
Write Data Page with Auto-Erase(3)
1101 0010
000a aaaa
asbb bbbb
Data In 0 ... Data In n
Read Data Page
(3)
1011 0000
000a aaaa
asbb bbbb
Data Out 0 ... Data Out n
Write User Fuses(3)(4)(5)
1110 0001
0000 0000
00bb bbbb
Data In 0 ... Data In n
Write User Fuses with Auto-Erase(3)(4)(5)
1111 0001
0000 0000
00bb bbbb
Data In 0 ... Data In n
Read User Fuses
(3)(4)(5)
0110 0001
0000 0000
00bb bbbb
Data Out 0 ... Data Out n
Write Lock Bits
(3)(4)(6)
1110 0100
0000 0000
00bb bbbb
Data In 0 ... Data In n
Read Lock Bits(3)(4)(6)
0110 0100
0000 0000
00bb bbbb
Data Out 0 ... Data Out n
Write User Signature Page(3)
0101 0010
0000 0000
asbb bbbb
Data In 0 ... Data In n
Write User Signature Page with Auto-Erase
(3)
0111 0010
0000 0000
asbb bbbb
Data In 0 ... Data In n
Read User Signature Page(3)
0011 0010
0000 0000
asbb bbbb
Data Out 0 ... Data Out n
Read Atmel Signature Page(3)(7)
0011 1000
0000 0000
0sbb bbbb
Data Out 0 ... Data Out n
Address:
0000H
0001H
0002H
AT89LP6440:
1EH
64H
FFH
a:Page Address Bit
s:Half Page Select Bit
b:
Byte Address Bit
x:
Don’t Care Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com