Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 158 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 158 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 154Page - ATMEL Corporation AT89LP6440 Datasheet HTML 155Page - ATMEL Corporation AT89LP6440 Datasheet HTML 156Page - ATMEL Corporation AT89LP6440 Datasheet HTML 157Page - ATMEL Corporation AT89LP6440 Datasheet HTML 158Page - ATMEL Corporation AT89LP6440 Datasheet HTML 159Page - ATMEL Corporation AT89LP6440 Datasheet HTML 160Page - ATMEL Corporation AT89LP6440 Datasheet HTML 161Page - ATMEL Corporation AT89LP6440 Datasheet HTML 162Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 194 page
background image
158
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 25-1. In-System Programming Device Connections
The Parallel interface is a special mode of the serial interface, i.e. the serial interface is used to
enable the parallel interface. After enabling the interface serially over P1.7/SCK and P1.5/MOSI,
P1.5 is reconfigured as an active-low output enable (OE) for data on Port 0. When OE =1, com-
mand, address and write data bytes are input on Port 0 and sampled at the rising edge of SCK.
When OE =0, read data bytes are output on Port 0 and should be sampled on the falling edge of
SCK. The P1.7/SCK, P1.4/SS and P4.2/RST pins continue to function in the same manner. With
the addition of VDD and GND, the parallel interface requires a minimum of fourteen connections
as shown in Figure 25-2. Note that a connection to P1.6/MISO is not required for using the par-
allel interface.
Figure 25-2. Parallel Programming Device Connections
The Programming Interface is the only means of externally programming the AT89LP6440
microcontroller. The Interface can be used to program the device both in-system and in a stand-
alone serial programmer. The Interface does not require any clock other than SCK and is not
limited by the system clock frequency. During Programming the system clock source of the tar-
get device can operate normally.
When designing a system where In-System Programming will be used, the following observa-
tions must be considered for correct operation:
AT89LP6440
VDD
P4.2/RST
P1.7/SCK
P1.5/MOSI
GND
Serial Clock
Serial In
RST
P1.4/SS
P1.6/MISO
Serial Out
SS
AT89LP6440
VDD
P4.2/RST
P1.7/SCK
P1.5/MOSI
GND
Clock
OE
RST
P1.4/SS
SS
P0.7-0
Data In/Out
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com