Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 160 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 156Page - ATMEL Corporation AT89LP6440 Datasheet HTML 157Page - ATMEL Corporation AT89LP6440 Datasheet HTML 158Page - ATMEL Corporation AT89LP6440 Datasheet HTML 159Page - ATMEL Corporation AT89LP6440 Datasheet HTML 160Page - ATMEL Corporation AT89LP6440 Datasheet HTML 161Page - ATMEL Corporation AT89LP6440 Datasheet HTML 162Page - ATMEL Corporation AT89LP6440 Datasheet HTML 163Page - ATMEL Corporation AT89LP6440 Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 194 page
background image
160
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 25-3. AT89LP6440 Memory Organization
25.3
Command Format
Programming commands consist of an opcode byte, two address bytes, and zero or more data
bytes. In addition, all command packets must start with a two-byte preamble of AAH and 55H.
The preamble increases the noise immunity of the programming interface by making it more dif-
ficult to issue unintentional commands. Figure 25-4 on page 161 shows a simplified flow chart of
a command sequence.
A sample command packet is shown in Figure 25-5 on page 161. The SS pin defines the packet
frame. SS must be brought low before the first byte in a command is sent and brought back high
after the final byte in the command has been sent. The command is not complete until SS
returns high. Command bytes are issued serially on MOSI. Data output bytes are received seri-
ally on MISO. Packets of variable length are supported by returning SS high when the final
required byte has been transmitted. In some cases command bytes have a don’t care value.
Don’t care bytes in the middle of a packet must be transmitted. Don’t care bytes at the end of a
packet may be ignored.
Page oriented instructions always include a full 16-bit address. The higher order bits select the
page and the lower order bits select the byte within that page. The AT89LP6440 allocates 6 bits
for byte address, 1 bit for low/high half page selection and 9 bits for page address. The half page
to be accessed is always fixed by the page address and half select as transmitted. The byte
address specifies the starting address for the first data byte. After each data byte has been
transmitted, the byte address is incremented to point to the next data byte. This allows a page
command to linearly sweep the bytes within a page. If the byte address is incremented past the
last byte in the half page, the byte address will roll over to the first byte in the same half page.
While loading bytes into the page buffer, overwriting previously loaded bytes will result in data
corruption.
Page 511 Low
Page 510 Low
User Fuse Row
User Signature Array
Atmel Signature Array
Code Memory
00
3F
0000
FFFF
Page 0 Low
1000
3FFF
Data Memory
Page 511 High
Page 510 High
40
7F
Page 63 High
Page 63 Low
Page 0 Low
Page 0 Low
Page 1 Low
Page 0 High
Page 1 High
Page 0 Low
Page 1 Low
Page 0 Low
Page 1 High
Page 1 High
Page 0 High
Page 0 High
00
3F
Page Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com