Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 161 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 157Page - ATMEL Corporation AT89LP6440 Datasheet HTML 158Page - ATMEL Corporation AT89LP6440 Datasheet HTML 159Page - ATMEL Corporation AT89LP6440 Datasheet HTML 160Page - ATMEL Corporation AT89LP6440 Datasheet HTML 161Page - ATMEL Corporation AT89LP6440 Datasheet HTML 162Page - ATMEL Corporation AT89LP6440 Datasheet HTML 163Page - ATMEL Corporation AT89LP6440 Datasheet HTML 164Page - ATMEL Corporation AT89LP6440 Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 194 page
background image
161
3706A–MICRO–9/09
AT89LP6440 - Preliminary
For a summary of available commands, see Table 25-2 on page 162.
Figure 25-4. Command Sequence Flow Chart
Figure 25-5. ISP Command Packet (Serial)
Figure 25-6. ISP Command Packet (Parallel)
Input Preamble 2
(55h)
Input Opcode
Input Address
High Byte
Input Address
Low Byte
Input/Output
Data
Address +1
Input Preamble 1
(AAh)
70
654321
7
0
654321
7
0
654321
7
0
654321
70
654321
SS
SCK
MOSI
MISO
Preamble 2
Opcode
Address High
Address Low
Data In
Data Out
X
XXX
Preamble 1
X
SS
SCK
P0
55h
Opcode
Address High
Address Low
AAh
Data In
OE
WRITE
P0
55h
Opcode
Address High
Address Low
AAh
Data Out
OE
READ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com