Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 157 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 153Page - ATMEL Corporation AT89LP6440 Datasheet HTML 154Page - ATMEL Corporation AT89LP6440 Datasheet HTML 155Page - ATMEL Corporation AT89LP6440 Datasheet HTML 156Page - ATMEL Corporation AT89LP6440 Datasheet HTML 157Page - ATMEL Corporation AT89LP6440 Datasheet HTML 158Page - ATMEL Corporation AT89LP6440 Datasheet HTML 159Page - ATMEL Corporation AT89LP6440 Datasheet HTML 160Page - ATMEL Corporation AT89LP6440 Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 194 page
background image
157
3706A–MICRO–9/09
AT89LP6440 - Preliminary
• When using the Internal RC Oscillator during debug, DDA is located on the XTAL1/P4.0 pin.
The P4.0 I/O function cannot be emulated in this mode.
• When using the External Clock during debug, DDA is located on the XTAL2/P4.1 pin and the
system clock drives XTAL1/P4.0. The P4.1 I/O and CLKOUT functions cannot be emulated in
this mode.
• When using the Crystal Oscillator during debug, DDA is located on the P4.3 pin and the
crystal connects to XTAL1/P4.0 and XTAL2/P4.1. The P4.3 I/O function cannot be emulated
in this mode.
25. Programming the Flash Memory
The Atmel AT89LP6440 microcontroller features 64K bytes of on-chip In-System Programmable
Flash program memory and 8K bytes of nonvolatile Flash data memory. In-System Program-
ming allows programming and reprogramming of the microcontroller positioned inside the end
system. Using a simple 4-wire SPI interface, the programmer communicates serially with the
AT89LP6440 microcontroller, reprogramming all nonvolatile memories on the chip. In-System
Programming eliminates the need for physical removal of the chips from the system. This will
save time and money, both during development in the lab, and when updating the software or
parameters in the field. The programming interface of the AT89LP6440 includes the following
features:
•Four-wire serial SPI Programming Interface or 11-pin Parallel Interface
• Active-low Reset Entry into Programming
• Slave Select allows multiple devices on same interface
•User Signature Array
•Flexible Page Programming
•Row Erase Capability
•Page Write with Auto-Erase Commands
•Programming Status Register
For more detailed information on In-System Programming, refer to the Application Note entitled
“AT89LP In-System Programming Specification”.
25.1
Physical Interface
The AT89LP6440 provides a standard programming command set with two physical interfaces:
a bit-serial and a byte-parallel interface. Normal Flash programming utilizes the Serial Peripheral
Interface (SPI) pins of an AT89LP6440 microcontroller. The SPI is a full-duplex synchronous
serial interface consisting of four wires: Serial Clock (SCK), Master-In/Slave-out (MISO), Master-
out/Slave-in (MOSI), and an active-low Slave Select (SS). When programming an AT89LP6440
device, the programmer always operates as the SPI master, and the target system always oper-
ates as the SPI slave. To enter or remain in Programming mode the device’s reset line (RST)
must be held active (low). With the addition of VDD and GND, an AT89LP6440 microcontroller
can be programmed with a minimum of seven connections as shown in Figure 25-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com