Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9260 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT91SAM9260
Description  AT91 ARM Thumb Microcontrollers
PDF  798 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9260 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT91SAM9260 Datasheet HTML 87Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 88Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 89Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 90Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 91Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 92Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 93Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 94Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 798 page
background image
91
6221I–ATARM–17-Jul-09
AT91SAM9260
13.6.3.1
Enumeration Process
The USB protocol is a master/slave protocol. This is the host that starts the enumeration send-
ing requests to the device through the control endpoint. The device handles standard requests
as defined in the USB Specification.
The device also handles some class requests defined in the CDC class.
Unhandled requests are STALLed.
13.6.3.2
Communication Endpoints
There are two communication endpoints and endpoint 0 is used for the enumeration process.
Endpoint 1 is a 64-byte Bulk OUT endpoint and endpoint 2 is a 64-byte Bulk IN endpoint. SAM-
BA Monitor commands are sent by the host through the endpoint 1. If required, the message is
split by the host into several data payloads by the host driver.
If the command requires a response, the host can send IN transactions to pick up the response.
13.7
Hardware and Software Constraints
• SAM-BA Monitor disposes of two blocks of internal SRAM. The first block is available for user
code. Its size is 4K bytes The second block is used for variables and stacks.
Table 13-8.
Handled Standard Requests
Request
Definition
GET_DESCRIPTOR
Returns the current device configuration value.
SET_ADDRESS
Sets the device address for all future device access.
SET_CONFIGURATION
Sets the device configuration.
GET_CONFIGURATION
Returns the current device configuration value.
GET_STATUS
Returns status for the specified recipient.
SET_FEATURE
Used to set or enable a specific feature.
CLEAR_FEATURE
Used to clear or disable a specific feature.
Table 13-9.
Handled Class Requests
Request
Definition
SET_LINE_CODING
Configures DTE rate, stop bits, parity and number of
character bits.
GET_LINE_CODING
Requests current DTE rate, stop bits, parity and number of
character bits.
SET_CONTROL_LINE_STATE
RS-232 signal used to tell the DCE device the DTE device
is now present.
Table 13-10. User Area Address
Start Address
End Address
Size (bytes)
0x200000
0x201000
4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com